Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSS9012H Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PSS9012H
Description  20 V PNP general purpose transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSS9012H Datasheet(HTML) 3 Page - NXP Semiconductors

  PSS9012H Datasheet HTML 1Page - NXP Semiconductors PSS9012H Datasheet HTML 2Page - NXP Semiconductors PSS9012H Datasheet HTML 3Page - NXP Semiconductors PSS9012H Datasheet HTML 4Page - NXP Semiconductors PSS9012H Datasheet HTML 5Page - NXP Semiconductors PSS9012H Datasheet HTML 6Page - NXP Semiconductors PSS9012H Datasheet HTML 7Page - NXP Semiconductors PSS9012H Datasheet HTML 8Page - NXP Semiconductors PSS9012H Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2004 Aug 10
3
Philips Semiconductors
Product specification
20 V PNP general purpose transistors
PSS9012 series
THERMAL CHARACTERISTICS
Note
1. Device mounted on a FR4 printed-circuit board, single-sided copper, tinplated and standard footprint.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air; note 1
175
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = −35 V; IE =0
−−−100
nA
VCB = −35 V; IE = 0; Tj = 150 °C −−−50
µA
IEBO
emitter-base cut-off current
VEB = −5 V; IC =0
−−−100
nA
hFE
DC current gain
VCE = −1 V; IC = −500 mA
40
−−
hFE
DC current gain
VCE = −1 V; IC = −50 mA
PSS9012G
112
−
166
PSS9012H
144
−
202
VCEsat
collector-emitter saturation
voltage
IC = −100 mA; IB = −10 mA
−−60
−250
mV
IC = −500 mA; IB = −50 mA
−−230
−600
mV
VBEsat
base-emitter saturation
voltage
IC = −500 mA; IB = −50 mA
−−1
−1.2
V
VBEon
base-emitter turn on voltage
VCE = −1 V; IC = −100mA
−−760
−1000
mV
Cc
collector capacitance
VCB = −6 V; IE =Ie =0;
f = 1 MHz
−
6
−
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com