Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S34ML08G2 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # S34ML08G2
Description  8 Gb, 4-bit ECC, x8 I/O and 3 V VCC NAND Flash Memory for Embedded
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S34ML08G2 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button S34ML08G2 Datasheet HTML 8Page - Cypress Semiconductor S34ML08G2 Datasheet HTML 9Page - Cypress Semiconductor S34ML08G2 Datasheet HTML 10Page - Cypress Semiconductor S34ML08G2 Datasheet HTML 11Page - Cypress Semiconductor S34ML08G2 Datasheet HTML 12Page - Cypress Semiconductor S34ML08G2 Datasheet HTML 13Page - Cypress Semiconductor S34ML08G2 Datasheet HTML 14Page - Cypress Semiconductor S34ML08G2 Datasheet HTML 15Page - Cypress Semiconductor S34ML08G2 Datasheet HTML 16Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Document Number: 002-00484 Rev. *I
Page 13 of 16
S34ML08G2
9.1.2
63-Pin Ball Grid Array (BGA)
Figure 7. VLD063 — 63-Pin BGA, 11 mm x 9 mm Package
g5013 \ 16-038.28 \ 6.5.13
NOTES:
1. DIMENSIONING AND TOLERANCING METHODS PER
ASME Y14.5M-1994.
2. ALL DIMENSIONS ARE IN MILLIMETERS.
3. BALL POSITION DESIGNATION PER JEP95, SECTION
3, SPP-020.
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5. SYMBOL "MD" IS THE BALL MATRIX SIZE IN THE
"D" DIRECTION.
SYMBOL "ME" IS THE BALL MATRIX SIZE IN THE
"E" DIRECTION.
n IS THE TOTAL NUMBER OF POPULATED SOLDER
BALL POSITIONS FOR MATRIX SIZE MD X ME.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
“SD” AND “SE” ARE MEASURED WITH RESPECT TO DATUMS
A AND B AND DEFINE THE POSITION OF THE CENTER
SOLDER BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN
THE OUTER ROW “SD” OR “SE” = 0.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN
THE OUTER ROW, “SD” = eD/2 AND “SE” = eE/2.
8. "+" INDICATES THE THEORETICAL CENTER OF
DEPOPULATED BALLS.
9
A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK
MARK, METALLIZED MARK INDENTATION OR OTHER MEANS.
PACKAGE
VLD 063
JEDEC
M0-207(M)
11.00 mm x 9.00 mm
PACKAGE
SYMBOL
MIN
NOM
MAX
NOTE
A
---
---
1.00
PROFILE
A1
0.25
---
---
BALL HEIGHT
D
11.00 BSC.
BODY SIZE
E
9.00 BSC.
BODY SIZE
D1
8.80 BSC.
MATRIX FOOTPRINT
E1
7.20 BSC.
MATRIX FOOTPRINT
MD
12
MATRIX SIZE D DIRECTION
ME
10
MATRIX SIZE E DIRECTION
n
63
BALL COUNT
b
0.40
0.45
0.50
BALL DIAMETER
eE
0.80 BSC.
BALL PITCH
eD
0.80 BSC.
BALL PITCH
SD
0.40 BSC.
SOLDER BALL PLACEMENT
SE
0.40 BSC.
SOLDER BALL PLACEMENT
A3-A8,B2-B8,C1,C2,C9,C10
DEPOPULATED SOLDER BALLS
D1,D2,D9,D10,E1,E2,E9,E10
F1,F2,F9,F10,G1,G2,G9,G10
H1,H2,H9,H10,J1,J2,J9,J10
K1,K2,K9,K10
L3-L8,M3-M8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com