Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVR33 Datasheet(PDF) 1 Page - International Rectifier

Part # PVR33
Description  Microelectronic Power IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVR33 Datasheet(HTML) 1 Page - International Rectifier

  PVR33 Datasheet HTML 1Page - International Rectifier PVR33 Datasheet HTML 2Page - International Rectifier PVR33 Datasheet HTML 3Page - International Rectifier PVR33 Datasheet HTML 4Page - International Rectifier PVR33 Datasheet HTML 5Page - International Rectifier PVR33 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
OBSOLETE
Data Sheet No. PD10028E
Series PVR33
Microelectronic Power IC
BOSFET® Photovoltaic Relay
Dual-Pole, 180mA, 0-300V AC/DC
General Description
The PVR33 Photovoltaic Relay is a dual-pole, normally
open solid state replacement for electro-mechanical
relays. It utilizes as an output switch a unique
bidirectional (AC or DC) MOSFET power IC termed
a BOSFET. The BOSFET is controlled by a photovoltaic
generator of novel construction, which is energized
by radiation from a dielectrically isolated light
emitting diode (LED).
The PVR overcomes the limitations of reed relays by
offering the solid state advantages of long life, high
operating speed, low pick-up power, bounce-free
operation, low thermal voltages and miniaturization.
These advantages allow product improvement and
design innovations in many applications such as
process control, multiplexing, telecommunications,
automatic test equipment and data acquisition.
The PVR can switch analog signals from thermo-
couple level to 300 volts peak AC or DC polarity.
Signal frequencies into the RF range are easily con-
trolled and switching rates up to 5kHz are achiev-
able. The extremely small thermally generated offset
voltages allow increased measurement accuracies.
Unique silicon technology developed by International
Rectifier forms the heart of the PVR. The monolithic
BOSFET contains a bidirectional N-channel power
MOSFET output structure. In addition, this power IC
chip has input circuitry for fast turn-off and gate
protection functions. This section of the BOSFET chip
utilizes both bipolar and MOS technology to form
NPN transistors, P-channel MOSFETs, resistors,
diodes and capacitors.
The photovoltaic generator similarly utilizes a unique
International Rectifier alloyed multijunction structure.
The excellent current conversion efficiency of this
technique results in the very fast response of the
PVR microelectronic power IC relay.
This advanced semiconductor technology has cre-
ated a radically new control device. Designers can
now develop switching systems to new standards of
electrical performance and mechanical compactness.
Features
BOSFET Power IC
n
1010 Operations
n
100µsec Operating Time
n
0.2µVolt Thermal Offset
n
5 milliwatts Pick-Up Power
n
1000V/µsec dv/dt
n
Bounce-Free
n
16-pin DIP Package
n
-40°C to 85°C
n
Part Identification
Part Number
Operating
Off-State
Voltage (AC/DC)
Resistance
PVR2300
0 – 200V
108 Ohms
PVR3300
0 – 300V
108 Ohms
PVR3301
0 – 300V
1010 Ohms
(BOSFET is a trademark of International Rectifier)
Replaced by PVR33N


Similar Part No. - PVR33

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVR3300N IRF-PVR3300N Datasheet
94Kb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-300V AC/DC, 165mA
PVR3300NPBF IRF-PVR3300NPBF Datasheet
94Kb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-300V AC/DC, 165mA
PVR3301N IRF-PVR3301N Datasheet
94Kb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-300V AC/DC, 165mA
PVR3301NPBF IRF-PVR3301NPBF Datasheet
94Kb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-300V AC/DC, 165mA
PVR33N IRF-PVR33N Datasheet
94Kb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-300V AC/DC, 165mA
More results

Similar Description - PVR33

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT312LS-T IRF-PVT312LS-T Datasheet
118Kb / 5P
Microelectronic Power IC Power MOSFET Photovoltaic Relay
PVY116 IRF-PVY116 Datasheet
74Kb / 5P
Microelectronic Power IC
DPA4119 IRF-DPA4119 Datasheet
110Kb / 4P
DPA Series Microelectronic Power IC Relay
PVA10 IRF-PVA10 Datasheet
89Kb / 6P
Microelectronic Power IC BOSFET Photovoltaic Relay
IRGP4050PBF IRF-IRGP4050PBF Datasheet
245Kb / 5P
Microelectronic Power IC
PVG612S IRF-PVG612S Datasheet
1Mb / 5P
Microelectronic Power IC
65336 IRF-65336 Datasheet
254Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay
PVN012PBF IRF-PVN012PBF Datasheet
1Mb / 5P
Series PVN012PbF Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay
PVT312LPBF IRF-PVT312LPBF Datasheet
1Mb / 5P
Series PVT312PbF Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay
logo
Infineon Technologies A...
PVT322PBF INFINEON-PVT322PBF Datasheet
933Kb / 7P
Microelectronic Power IC
2016-08-29
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com