Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LW-G6SP Datasheet(PDF) 20 Page - OSRAM GmbH

Part # LW-G6SP
Description  white SMT package, colored diffused silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LW-G6SP Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button LW-G6SP Datasheet HTML 15Page - OSRAM GmbH LW-G6SP Datasheet HTML 16Page - OSRAM GmbH LW-G6SP Datasheet HTML 17Page - OSRAM GmbH LW-G6SP Datasheet HTML 18Page - OSRAM GmbH LW-G6SP Datasheet HTML 19Page - OSRAM GmbH LW-G6SP Datasheet HTML 20Page - OSRAM GmbH LW-G6SP Datasheet HTML 21Page - OSRAM GmbH LW-G6SP Datasheet HTML 22Page - OSRAM GmbH LW-G6SP Datasheet HTML 23Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
2015-03-04
20
Version 1.1
LW G6SP
Notes
Hinweise
The evaluation of eye safety occurs according to the
standard IEC 62471:2006 ("photobiological safety of
lamps and lamp systems"). Within the risk grouping
system of this CIE standard, the LED specified in this
data sheet fall into the class Exempt group (exposure
time 10000 s). Under real circumstances (for
exposure time, eye pupils, observation distance), it is
assumed that no endangerment to the eye exists
from these devices. As a matter of principle,
however, it should be mentioned that intense light
sources have a high secondary exposure potential
due to their blinding effect. As is also true when
viewing other bright light sources (e.g. headlights),
temporary reduction in visual acuity and afterimages
can occur, leading to irritation, annoyance, visual
impairment, and even accidents, depending on the
situation.
The evaluation of eye safety occurs according to the
standard IEC 62471:2006 ("photobiological safety of
lamps and lamp systems"). Within the risk grouping
system of this CIE standard, the LED specified in this
data sheet fall into the class Exempt group
(Expositionsdauer 10000 s). Under real
circumstances (for exposure time, eye pupils,
observation distance), it is assumed that no
endangerment to the eye exists from these devices.
As a matter of principle, however, it should be
mentioned that intense light sources have a high
secondary exposure potential due to their blinding
effect. As is also true when viewing other bright light
sources (e.g. headlights), temporary reduction in
visual acuity and afterimages can occur, leading to
irritation, annoyance, visual impairment, and even
accidents, depending on the situation.
Subcomponents of this LED contain, among other
substances, goldplated and Ag-filled materials. In
spite of the improved corrosion stability of this LED, it
can be affected by environments that contain very
high concentrations of aggressive substances.
Therefore, we recommend avoiding aggressive
atmospheres during storage, production and use.
Einzelkomponenten dieser LED enthalten u.a.
goldbeschichtete und Ag-gefüllte Materialien. Trotz
der verbesserten Korrosionsstabilität dieser LED
können Einzelkomponenten durch sehr hohe
Konzentration aggressiver Substanzen angegriffen
werden. Aus diesem Grund wird empfohlen,
aggressive Umgebungen während der Lagerung,
Produktion und im Betrieb zu vermeiden.
For further application related informations
please visit www.osram-os.com/appnotes
Für weitere applikationsspezifische
Informationen besuchen Sie bitte
www.osram-os.com/appnotes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com