Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7264N Datasheet(PDF) 2 Page - ams AG

Part # AS7264N
Description  XYZ Chromatic Color and 440/490nm Blue Sensor with Electronic Shutter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7264N Datasheet(HTML) 2 Page - ams AG

  AS7264N Datasheet HTML 1Page - ams AG AS7264N Datasheet HTML 2Page - ams AG AS7264N Datasheet HTML 3Page - ams AG AS7264N Datasheet HTML 4Page - ams AG AS7264N Datasheet HTML 5Page - ams AG AS7264N Datasheet HTML 6Page - ams AG AS7264N Datasheet HTML 7Page - ams AG AS7264N Datasheet HTML 8Page - ams AG AS7264N Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-00] 2017-Oct-05
AS7264N − General Description
Application
The AS7264N applications include:
• Ambient light spectral exposure
• Biological lighting measurements
• Color measurement and absorbance
• Color matching and identification
• Precision color tuning/calibration
System Block Diagram
Figure 2:
AS7264N Sensor System
• Electronic shutter control/synchronization
• Programmable LED drivers
• Low voltage operation
• 2.7V to 3.6V with I²C interface
• Small, robust package, with built-in aperture
• 20-pin LGA package 4.5mm x 4.7mm x 2.5mm
-40°C to 85°C temperature range
Benefits
Features
100nF
SCL_S
GND
LED_DRV
VDD1
VDD2
AS7264N
MCU
10uF
3.3V
3.3V
SDA_S
LED_IND
3.3V
X, Y, Z,
NIR, B440
& B490
Sensors
Light
Source
Light in
Reflective
Surface
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com