Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6257 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6257
Description  Highly Integrated Narrow VDC Battery Charger for Notebook Computers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6257 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6257 Datasheet HTML 9Page - Renesas Technology Corp ISL6257 Datasheet HTML 10Page - Renesas Technology Corp ISL6257 Datasheet HTML 11Page - Renesas Technology Corp ISL6257 Datasheet HTML 12Page - Renesas Technology Corp ISL6257 Datasheet HTML 13Page - Renesas Technology Corp ISL6257 Datasheet HTML 14Page - Renesas Technology Corp ISL6257 Datasheet HTML 15Page - Renesas Technology Corp ISL6257 Datasheet HTML 16Page - Renesas Technology Corp ISL6257 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ISL6257
FN9288 Rev 2.00
Page 13 of 22
Jan 17, 2007
regulation and current-regulation loops allows for optimal
compensation.
Setting the Battery Charge Current Limit
The CHLIM input sets the maximum charging current. The
current set by the current sense-resistor connects between
CSOP and CSON. The full-scale differential voltage between
CSOP and CSON is 165mV for CHLIM = 3.3V, so the
maximum charging current is 4.125A for a 40m
 sensing
resistor. Other battery charge current-sense threshold values
can be set by connecting a resistor divider from VREF or 3.3V
to ground, or by connecting a low impedance voltage source
like a D/A converter in the micro-controller. Unlike VADJ and
ACLIM, CHLIM does not have an internal resistor divider
network. The charge current limit threshold is given by
Equation 3:
To set the trickle charge current for the dumb charger, an A/D
output controlled by the micro-controller is connected to
CHLIM pin. The trickle charge current is determined by
Equation 4:
When the CHLIM voltage is below 88mV (typical), it will disable
the battery charge. When choosing the current sensing
resistor, note that the voltage drop across the sensing resistor
causes further power dissipation, reducing efficiency. However,
adjusting CHLIM voltage to reduce the voltage across the
current sense resistor R11 will degrade accuracy due to the
smaller signal to the input of the current sense amplifier. There
is a trade-off between accuracy and power dissipation. A low
pass filter is recommended to eliminate switching noise.
Connect the resistor to the CSOP pin instead of the CSON pin,
as the CSOP pin has lower bias current and less influence on
current-sense accuracy and voltage regulation accuracy.
Setting the Input Current Limit
The total input current from an AC adapter, or other DC source,
is a function of the system supply current and the battery-
charging current. The input current regulator limits the input
current by reducing the charging current, when the input
current exceeds the input current limit set by ACLIM. System
current normally fluctuates as portions of the system are
powered up or down. Without input current regulation, the
source must be able to supply the maximum system current
and the maximum charger input current simultaneously. By
using the input current limiter, the current capability of the AC
adapter can be lowered, reducing system cost.
The ISL6257 limits the battery charge current when the input
current-limit threshold is exceeded, ensuring the battery
charger does not load down the AC adapter voltage. This
constant input current regulation allows the adapter to fully
power the system and prevent the AC adapter from
overloading and crashing the system bus.
An internal amplifier gm3 compares the voltage between CSIP
and CSIN to the input current limit threshold voltage set by
ACLIM. Connect ACLIM to REF, Float and GND for the full-
scale input current limit threshold voltage of 100mV, 75mV and
50mV, respectively, or use a resistor divider from VREF to
ground to set the input current limit as Equation 5:
When choosing the current sense resistor, note that the
voltage drop across this resistor causes further power
dissipation, reducing efficiency. The AC adapter current sense
accuracy is very important. Use a 1% tolerance current-sense
resistor. The highest accuracy of ±1.5% is achieved with
100mV current-sense threshold voltage for ACLIM = VREF, but
it has the highest power dissipation. For example, it has
400mW power dissipation for rated 4A AC adapter and 1W
sensing resistor may have to be used. ±2.5% and ±4.5%
accuracy can be achieved with 75mV and 50mV current-sense
threshold voltage for ACLIM = Floating and ACLIM = GND,
respectively.
A low pass filter is suggested to eliminate the switching noise.
Connect the resistor to CSIN pin instead of CSIP pin because
CSIN pin has lower bias current and less influence on the
current-sense accuracy.
TABLE 1. CELL NUMBER PROGRAMMING
CELLS
CELL NUMBER
VDD
4
GND
3
Float
2
I
CHG
165mV
R
1
-----------------

 VCHLIM
3.3V
---------------------


=
(EQ. 3)
I
CHG
165mV
R
1
-----------------

 VCHLIM trickle
,
3.3V
---------------------------------------


=
(EQ. 4)
I
INPUT
1
R
2
------
0.05
VREF
---------------- V
ACLIM
0.05
+


=
V
ACLIM
VREF
R
bot ACLIM
152k

R
top ACLIM
152k

R
bot ACLIM
152k

+
------------------------------------------------------------------------------------------------------------------



=
(EQ. 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com