Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6441IRZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL6441IRZ
Description  1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6441IRZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6441IRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6441IRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6441IRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6441IRZ Datasheet HTML 9Page - Renesas Technology Corp ISL6441IRZ Datasheet HTML 10Page - Renesas Technology Corp ISL6441IRZ Datasheet HTML 11Page - Renesas Technology Corp ISL6441IRZ Datasheet HTML 12Page - Renesas Technology Corp ISL6441IRZ Datasheet HTML 13Page - Renesas Technology Corp ISL6441IRZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ISL6441
FN9197 Rev 3.00
Page 10 of 19
May 26, 2009
Pin Descriptions
BOOT2, BOOT1 - These pins power the upper MOSFET
drivers of each PWM converter. Connect this pin to the
junction of the bootstrap capacitor (CBOOT) and the
cathode of the bootstrap diode. The anode of the bootstrap
diode is connected to the VCC_5V pin. It’s highly
recommended to add a 5.1
 resistor in series with CBOOT
and another 5.1
 resistor in series with the bootstrap diode
to prevent the overcharge of CBOOT which may cause
overvoltage failure between BOOT and PHASE pin (Figure
15). Refer to “Gate Drivers” on page 12 for detailed
descriptions.
UGATE2, UGATE1 - These pins provide the gate drive for
the upper MOSFETs.
PHASE2, PHASE1 - These pins are connected to the
junction of the upper MOSFET’s source, output filter inductor
and lower MOSFETs drain. A small RC snubber is
suggested to be added at the phase node of the MOSFETs
to improve the system EMI performance. A typical snubber
suggested is 2.2W and 680pF.
LGATE2, LGATE1 - These pins provide the gate drive for
the lower MOSFETs.
PGND - This pin provides the power ground connection for
the lower gate drivers for both PWM1 and PWM2. This pin
should be connected to the sources of the lower MOSFETs
and the (-) terminals of the external input capacitors.
FB3, FB2, FB1 - These pins are connected to the feedback
resistor divider and provide the voltage feedback signals for
the respective controller. They set the output voltage of the
converter. In addition, the PGOOD circuit uses these inputs
to monitor the output voltage status.
ISEN2, ISEN1 - These pins are used to monitor the voltage
drop across the lower MOSFET for current loop feedback
and overcurrent protection.
PGOOD - This is an open drain logic output used to indicate
the status of the output voltages. This pin is pulled low when
either of the two PWM outputs is not within 10% of the
respective nominal voltage, or if the linear controller output is
less than 75% of it’s nominal value.
SGND - This is the small-signal ground, common to all 3
controllers, and must be routed separately from the high
current ground (PGND). All voltage levels are measured with
respect to this pin. Connect the additional SGND pins to this
pin. A small ceramic capacitor should be connected right
next to this pin for noise decoupling.
VIN - Use this pin to power the device with an external
supply voltage with a range of 5.6V to 24V. For 5V ±10%
operation, connect this pin to VCC_5V.
VCC_5V - This pin is the output of the internal 5V linear
regulator. This output supplies the bias for the IC, the low
side gate drivers, and the external boot circuitry for the high
side gate drivers. The IC may be powered directly from a
single 5V (±10%) supply at this pin. When used as a 5V
supply input, this pin must be externally connected to VIN.
The VCC_5V pin must be always decoupled to power
ground with a minimum of 4.7µF ceramic capacitor, placed
very close to the pin.
SYNC - This pin may be used to synchronize two or more
ISL6441 controllers. This pin requires a 1k resistor to ground
if used; connect directly to VCC_5V if not used.
SS1, SS2 - These pins provide a soft-start function for their
respective PWM controllers. When the chip is enabled, the
regulated 5µA pull-up current source charges the capacitor
connected from this pin to ground. The error amplifier
reference voltage ramps from 0V to 0.8V while the voltage
on the soft-start pin ramps from 0V to 0.8V.
SD1, SD2 - These pins provide an enable/disable function
for their respective PWM output. The output is enabled when
this pin is floating or pulled HIGH, and disabled when the pin
is pulled LOW.
GATE3 - This pin is the open drain output of the linear
regulator controller.
OCSET2, OCSET1 - A resistor from this pin to ground sets
the overcurrent threshold for the respective PWM.
Functional Description
General Description
The ISL6441 integrates control circuits for two synchronous
buck converters and one linear controller. The two
synchronous bucks operate out-of-phase to substantially
reduce the input ripple and thus reduce the input filter
requirements. The chip has four control lines (SS1, SD1,
SS2, and SD2), which provide independent control for each
of the synchronous buck outputs.
The buck PWM controllers employ a free-running frequency
of 1.4MHz. The current mode control scheme with an input
voltage feed-forward ramp input to the modulator provides
excellent rejection of input voltage variations and provides
simplified loop compensations.
The linear controller can drive either a PNP or PFET to
provide ultra low-dropout regulation with programmable
voltages.
Internal 5V Linear Regulator (VCC_5V)
All ISL6441 functions are internally powered from an
on-chip, low dropout 5V regulator. The maximum regulator
input voltage is 24V. Bypass the regulator’s output
(VCC_5V) with a 4.7µF capacitor to ground. The dropout
voltage for this LDO is typically 600mV, so when VCC_5V is
greater than 5.6V, VCC_5V is typically 5V. The ISL6441 also
employs an undervoltage lockout circuit that disables both
regulators when VCC_5V falls below 4.4V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com