Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6536IBZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL6536IBZ
Description  Four Channel Supervisory IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6536IBZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL6536IBZ Datasheet HTML 1Page - Renesas Technology Corp ISL6536IBZ Datasheet HTML 2Page - Renesas Technology Corp ISL6536IBZ Datasheet HTML 3Page - Renesas Technology Corp ISL6536IBZ Datasheet HTML 4Page - Renesas Technology Corp ISL6536IBZ Datasheet HTML 5Page - Renesas Technology Corp ISL6536IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL6536IBZ Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ISL6536
FN9114 Rev 3.00
Page 2 of 7
Jan 25, 2011
Pin Descriptions
ISL6536
PIN NAME
FUNCTION DESCRIPTION
1
VDD
Bias IC from nominal 2.7V to 4V
2
PGOOD
PGOOD is the boolean AND function of all the UV inputs being satisfied. This is an open drain output and
can be pulled high to the appropriate level with an external resistor. Additionally a 20k
 pull up to VDD is
provided internally.
3
ENABLE
Enabling input for supervisory function. Has a 10µA pull-up to VDD
4
GND
IC ground
5-8
VMON1
VMON2
VMON3
VMON4
These inputs provide for a programmable monitored voltage threshold referenced to an internal 0.63V
reference. These inputs have a 30µs glitch filter to prevent transient upsets from being recognized by
PGOOD.
+
-
EN
VMON1
VMON2
VMON3
VMON4
20k
10µA
VDD
PGOOD
ISL6536
633mV
FALLING EDGE
GLITCH FILTER



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com