Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC105 Datasheet(PDF) 2 Page - International Rectifier

Part # SC105
Description  SCHOTTKY DIE 105 x 125 mils
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SC105 Datasheet(HTML) 2 Page - International Rectifier

  SC105 Datasheet HTML 1Page - International Rectifier SC105 Datasheet HTML 2Page - International Rectifier SC105 Datasheet HTML 3Page - International Rectifier SC105 Datasheet HTML 4Page - International Rectifier SC105 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SC105.....5. Series
2
Bulletin I0503J 12/99
www.irf.com
SC105xxxxx5
B
Inked Probed Unsawn Wafer (Wafer in Box)
1150
SC105xxxxx5
R
Probed Die in Tape & Reel
3000
SC105xxxxx5
P
Probed Die in Waffle Pack
1150
SC105xxxxx5
F
Inked Probed Sawn Wafer on Film
1150
Device
TJ Max.
VR
Typ. IR @ 25°C
Typ. IR @ 125°C
Max. VF @ IF
Package
#
(°C)
(V)
(µA)
(mA)
(V)
Style
SC105
R015x5x
125
15
3000
n.a. contact factory
SC105
S020x5x
125
20
n.a. contact factory
SC105
S030x5x
150
30
220
100
0.49 @ 15A
TO-220
SC105
S045x5x
150
45
150
75
0.54 @ 15A
TO-247
SC105
S060x5x
150
60
110
60
0.60 @ 15A
TO-247
SC105
H045x5x
175
45
35
10
0.62 @ 15A
TO-220
SC105
H100x5x
175
100
12
7
0.86 @ 15A
TO-247
SC105
H150x5x
175
150
15
7
1.00 @ 15A
TO-220
Electrical Characteristics
Device
Metal Thickness
Metal Thickness
#
Front Metal
Back Metal
SC105xxxx
A5x
Bondable
--
Al/Si 30 kÅ
--
Cr 1 kÅ
Ni 4 kÅ
Ag 6 kÅ
SC105xxxx
S5x
Solderable
Ti 2 kÅ
Ni 6 kÅ
Ag 35 kÅ
Cr 1 kÅ
Ni 4 kÅ
Ag 6 kÅ
Mechanical Data
Device
Description
Minimum Order Quantity
#
Wafer in Sale Package
Packaging
Recommended Storage Environment: Store in original container, in dessicated nitrogen, with no contamination.
Shelf life for parts stored in above condition is 2 years.
If the storage is done in normal atmosphere shelf life is reduced to six months.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com