Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2677TSTR Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2677TSTR
Description  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2677TSTR Datasheet(HTML) 1 Page - Semtech Corporation

  SC2677TSTR Datasheet HTML 1Page - Semtech Corporation SC2677TSTR Datasheet HTML 2Page - Semtech Corporation SC2677TSTR Datasheet HTML 3Page - Semtech Corporation SC2677TSTR Datasheet HTML 4Page - Semtech Corporation SC2677TSTR Datasheet HTML 5Page - Semtech Corporation SC2677TSTR Datasheet HTML 6Page - Semtech Corporation SC2677TSTR Datasheet HTML 7Page - Semtech Corporation SC2677TSTR Datasheet HTML 8Page - Semtech Corporation SC2677TSTR Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC2677
Dual Synchronous Voltage Mode
Controller with Current Sharing Circuitry
Description
Features
Applications
Revision: NOV. 15, 2004
The SC2677 is a versatile 2 phase, synchronous, volt-
age mode PWM controller that may be used in two dis-
tinct ways. First, the SC2677 is ideal for applications
where point of use output power exceeds any single in-
put power budget. Alternatively, the SC2677 can be used
as a dual switcher. The SC2677 features a temperature
compensated voltage reference, an under voltage lock-
out over current protection and internal level-shifted, high-
side drive circuitry.
In current sharing configuration, the SC2677 can pro-
duce a single output voltage from two separate voltage
sources (which can be different voltage levels) while
maintaining current sharing between the channels. Cur-
rent sharing is programmable to allow loading each input
supply as required by the application.
In dual switcher configuration, two feedback paths are
provided for independent control of the separate outputs.
The device will provide a regulated output from flexibly
configured inputs (3.3V, 5V, 12V), provided 5V is present
for V
CC. The phasing between the two switchers is ad-
justable to minimize the input and output ripple.
300kHz to 1MHz externally programmable
frequency operation
Soft Start and Enable function
Power Good output provided
Under voltage short circuit protection
Phase-shifted switchers minimize ripple
High efficiency operation, >90%
Programmable output(s) as low as 0.5V
Industrial temperature range
TSSOP-20 package
Bias voltage as low as 4.5V
Adjustable phase shift between channels
TTTTTw
w
w
w
wo Phase, Current Sharing Controller
o Phase, Current Sharing Controller
o Phase, Current Sharing Controller
o Phase, Current Sharing Controller
o Phase, Current Sharing Controller
Flexible, same or separate V
IN
Programmable current sharing
Thermal distribution via multi-phase output
Graphics cards
Peripheral add-in card
Dual-Phase power supply
Power supplies requiring two outputs
Simplified Application Schematic
C7
M4
L1
1
2
+5V
L2
1
2
R2
C1
PWRGD
R7
C6
C5
R1
C3
1uF
+3.3V
C9
R6
0R0
R10
R8
R4
U1
SC2677
+12V
C4
R9
M2
Vout1
M1
R5
R11
+12V
C8
C10
ENABLE
Vout2
R3
C2
M3


Similar Part No. - SC2677TSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677B SEMTECH-SC2677B Datasheet
382Kb / 19P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677BEVB-1 SEMTECH-SC2677BEVB-1 Datasheet
547Kb / 19P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677BEVB-1 SEMTECH-SC2677BEVB-1 Datasheet
382Kb / 19P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677BEVB-2 SEMTECH-SC2677BEVB-2 Datasheet
547Kb / 19P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
More results

Similar Description - SC2677TSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1175 SEMTECH-SC1175 Datasheet
348Kb / 20P
Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
logo
International Rectifier
IRU3146 IRF-IRU3146 Datasheet
528Kb / 30P
DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
logo
Semtech Corporation
SC1176 SEMTECH-SC1176 Datasheet
384Kb / 23P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1175 SEMTECH-SC1175_04 Datasheet
379Kb / 23P
Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176_06 Datasheet
601Kb / 23P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
logo
Advanced Power Electron...
APU3146 A-POWER-APU3146 Datasheet
1Mb / 28P
DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B_09 Datasheet
382Kb / 19P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com