Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABS310 Datasheet(PDF) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

Part # ABS310
Description  Single Phase 2.0 AMP. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

ABS310 Datasheet(HTML) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

  ABS310 Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. ABS310 Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2
.0 Ampere
Thin Mini-Dip
ABS302 THRU ABS310
VOLTAGE RANGE
20
0 to 1000 Volts
CURRENT
m
m
Dimensions in inches and (millimeters)
Single Phase 2
.0 AMP. Glass Passivated Bridge Rectifiers
Features
Glass passivated junction
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
High temperature soldering guaranteed:
260℃ / 10 seconds / 0.375” ( 9.5mm )
lead length at 5 lbs., ( 2.3 kg ) tension
Small size, simple installation
Leads solderable per MIL-STD-202,
Method 208
High surge current capability
Maximum Ratings and Electrical Characteristics
Rating at 25℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
On glass-epoxy P.C.B.
On aluminum substrate
I(AV)
3
.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
48
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
0
.95
V
Maximum DC Reverse Current @ TA=25℃
at Rated DC Blocking Voltage
IR
5
uA
Typical Thermal resistance Junction to Lead
On aluminum substrate
On Glass-Epoxy substrate
RθJL
RθJA
18
57
.5
80
℃/W
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
0.059(1.5)
0.008(0.2)
0.174(4.4)
0.150(3.8)
DETAIL "A", SCALE=20/1
A
0.033(0.85)
0.022(0.55)
0.21(5.4)
0.193(4.9)
-----
ABS
ABS302 ABS304 ABS306 ABS308 ABS310


Similar Part No. - ABS310

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
ABS310 DGNJDZ-ABS310 Datasheet
1Mb / 4P
ABS Plastic-Encapsulate Bridge R ectifier
More results

Similar Description - ABS310

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
2W005G JGD-2W005G Datasheet
126Kb / 2P
SINGLE PHASE 2.0 AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
2W005GM TSC-2W005GM Datasheet
68Kb / 2P
Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
2W005G SECOS-2W005G Datasheet
136Kb / 2P
2.0 AMP Glass Passivated Bridge Rectifiers
GBJ2A SECOS-GBJ2A Datasheet
243Kb / 2P
2.0 AMP Glass Passivated Bridge Rectifiers
GBL201 SECOS-GBL201 Datasheet
257Kb / 2P
2.0 Amp Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
ABS202 DGNJDZ-ABS202 Datasheet
366Kb / 2P
Single Phase 2.0 AMP. Glass Passivated Bridge Rectifiers
DB201G DGNJDZ-DB201G Datasheet
227Kb / 2P
SINGLE PHASE 2.0 AMP GLASS PASSIVATED BRIDGE RECTIFIERS
ABS202-ABS210 DGNJDZ-ABS202-ABS210 Datasheet
399Kb / 2P
Single Phase 2.0 AMP. Glass Passivated Bridge Rectifiers
logo
First Components Intern...
GBP200 FCI-GBP200 Datasheet
162Kb / 2P
2.0 Amp Glass passivated Single Phase Bridge
logo
Shenzhen Yixinwei Techn...
ABS202 YIXIN-ABS202 Datasheet
452Kb / 2P
Single Phase 2.0 AMP. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com