Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPV1006-125-R Datasheet(PDF) 34 Page - Vicor Corporation

Part # FPV1006-125-R
Description  8V to 36VIN Cool-Power ZVS Buck Regulator Family
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPV1006-125-R Datasheet(HTML) 34 Page - Vicor Corporation

Back Button FPV1006-125-R Datasheet HTML 30Page - Vicor Corporation FPV1006-125-R Datasheet HTML 31Page - Vicor Corporation FPV1006-125-R Datasheet HTML 32Page - Vicor Corporation FPV1006-125-R Datasheet HTML 33Page - Vicor Corporation FPV1006-125-R Datasheet HTML 34Page - Vicor Corporation FPV1006-125-R Datasheet HTML 35Page - Vicor Corporation FPV1006-125-R Datasheet HTML 36Page - Vicor Corporation FPV1006-125-R Datasheet HTML 37Page - Vicor Corporation FPV1006-125-R Datasheet HTML 38Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 2.5
Page 34 of 41
06/2017
PI33xx-x0
The PI33xx-x0 default for SYNCI is to sync with respect to the
falling edge of the applied clock providing 180° phase shift from
SYNCO. This allows for the paralleling of two PI33xx-x0 devices
without the need for further user programming or external
sync clock circuitry. The user can change the SYNCI polarity to
sync with the external clock rising edge via the I2C™ data bus
(PI33xx-20 device versions only).
By connecting the EAO pins and SGND pins of each module
together the units will share the current equally. When the TRK
pins of each unit are connected together, the units will track each
other during soft-start and all unit EN pins have to be released to
allow the units to start (See Figure 59). Also, any fault event in any
regulator will disable the other regulators. The two regulators will
be out of phase with each other reducing output ripple (refer to
Switching Frequency Synchronization).
To provide synchronization between regulators over the entire
operational frequency range, the Power Good (PWRGD) pin must
be connected to the lead regulator’s (#1) SYNCI pin and a
2.5k
Ω Resistor, R1, must be placed between SYNCO (#2) return
and the lead regulator’s SYNCI (#1) pin, as shown in Figure 59.
In this configuration, at system soft-start, the PWRGD pin pulls
SYNCI low forcing the lead regulator to initialize the open-loop
startup synchronization. Once the regulators reach regulation,
SYNCI is released and the system is now synchronized in a closed-
loop configuration which allows the system to adjust, on the
fly, when any of the individual regulators begin to enter variable
frequency mode in the loop.
Multi-phasing three regulators is possible (PI33xx-20 only) with
no change to the basic single-phase design. For more information
about how to program phase delays within the regulator, please
refer to Picor application note PI33xx-2x Multi-Phase
Design Guide.
I2C™ Interface Operation
PI33xx-20 devices provide an I2C digital interface that enables the
user to program the EN pin polarity (from high to low assertion)
and switching frequency synchronization phase/delay. These are
one time programmable options to the device.
Also, the PI33xx-20 devices allow for dynamic VOUT margining via
I2C that is useful during development (settings stored in volatile
memory only and not retained by the device). The PI33xx-20 also
have the option for fault telemetry including:
Fast/Slow current limit
Output voltage high
Input overvoltage
Input undervoltage
Over temperature protection
For more information about how to utilize the I2C interface please
refer to Picor application note PI33xx-2x I2C Digital
Interface Guide.
Application Description
Output Voltage Trim
The PI33xx-x0 family of Buck Regulators provides seven common
output voltages: 1.0V, 1.8V, 2.5V, 3.3V, 5.0V, 12V and 15V. A
post-package trim step is implemented to offset any resistor
divider network errors ensuring maximum output accuracy. With
a single resistor connected from the ADJ pin to SGND or REM,
each device’s output can be varied above or below the nominal
set voltage (with the exception of the PI3311-X0 which can only
be above the set voltage of 1V).
The remote pin (REM) should always be connected to the VOUT
pin, if not used, to prevent an output voltage offset. Figure 60
shows the internal feedback voltage divider network.
R1, R2, and R4 are all internal 1.0% resistors and Rlow and Rhigh
are external resistors for which the designer can add to modify
VOUT to a desired output. The internal resistor value for each
regulator is listed below in Table 3.
Table 2 — PI33xx-x0 family output voltage range
+
-
ADJ
REM
V
OUT
R2
R1
R4
SGND
R
low
R
high
1.0V
DC
Figure 60 — Internal resistor divider network
Device
Output Voltage
Set
Range
PI3311-x0
1.0V
1.0 to 1.4V
PI3318-x0
1.8V
1.4 to 2.0V
PI3312-x0
2.5V
2.0 to 3.1V
PI3301-x0
3.3V
2.3 to 4.1V
PI3302-x0
5.0V
3.3 to 6.5V
PI3303-x0
12V
6.5 to 13.0V
PI3305-x0
15V
10.0 to 16.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com