Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VI-ARM Datasheet(PDF) 9 Page - Vicor Corporation

Part # VI-ARM
Description  Autoranging Rectifier Modules Up to 1500 Watts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-ARM Datasheet(HTML) 9 Page - Vicor Corporation

Back Button VI-ARM Datasheet HTML 3Page - Vicor Corporation VI-ARM Datasheet HTML 4Page - Vicor Corporation VI-ARM Datasheet HTML 5Page - Vicor Corporation VI-ARM Datasheet HTML 6Page - Vicor Corporation VI-ARM Datasheet HTML 7Page - Vicor Corporation VI-ARM Datasheet HTML 8Page - Vicor Corporation VI-ARM Datasheet HTML 9Page - Vicor Corporation VI-ARM Datasheet HTML 10Page - Vicor Corporation VI-ARM Datasheet HTML 11Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
VI-ARM™
Rev 4.9
vicorpower.com
Page 9 of 11
06/2017
800 927.9474
VI-ARMx1xx
Operating Power (W)
0
5
10
15
20
25
30
1500
1250
1000
750
500
250
*
*
2,200 F
1,600 F
1,300 F
*
1,100 F
820 F
680 F (VI-ARM-x1)
(VI-ARMB-x2)
Figure 17 — Ripple voltage vs. operating power and bus
capacitance, series combination of C1, C2
(see Figure 10)
Application Note (Cont.)
Output Voltage
40
45
50
55
60
65
70
75
80
50
30
15
5
2
Figure 18 — Converter ripple rejection vs. output voltage (typical)
Example
In this example, the output required at the point of load is 12VDC
at 320W. Therefore, the output power from the ARM would be
375W (assuming a converter efficiency of 85%). The desired hold-
up time is 9ms over an input range of 90 to 264VAC.
Determining Required Capacitance for Power Fail Warning:
Figure 15 is used to determine hold-up capacitance for a given
power fail warning time and power level, and shows that the total
bus capacitance must be at least 820µF. Since two capacitors are
used in series, each capacitor must be at least 1,640µF.
Note: The warning time is not dependent on line voltage. A hold-up
capacitor calculator is available on the Vicor website,
at
vicorpower.com/hubcalc.
Determining Ride-through Time: Figure 16 illustrates ride-
through time as a function of line voltage and output power, and
shows that at a nominal line of 115VAC, ride-through would be
68ms. Ride-through time is a function of line voltage.
Determining Ripple Voltage on the Hold-up Capacitors:
Figure 17 is used to determine ripple voltage as a function of
operating power and bus capacitance, and shows that the ripple
voltage across the hold-up capacitors will be 12VAC.
Determining the Ripple on the Output of the
DC-DC Converter: Figure 18 is used to determine the ripple
rejection of the DC-DC converter and indicates a ripple rejection
of approximately 60dB for a 12 Volt output. If the ripple on the
bus voltage is 12VAC and the ripple rejection of the converter is
60dB, the output ripple of the converter due to ripple on its input
(primarily 120Hz) will be 12mVp-p.
Note: Maxi, Mini, Micro converters have greater ripple rejection then either
VI-200s or VI-J00s.
For more information about designing an autoranging AC input
power supply using the ARM and Vicor DC-DC converter modules,
contact Vicor Applications Engineering at the nearest Vicor Technical
Support Center (see back cover), or send an E-mail to:
apps@vicorpower.com.
Storage
Vicor products, when not installed in customer units, should be
stored in ESD safe packaging in accordance with ANSI/ESD S20.20,
“Protection of Electrical and Electronic Parts, Assemblies and
Equipment” and should be maintained in a temperature controlled
factory/ warehouse environment not exposed to outside elements
controlled between the temperature ranges of 15°C and 38°C.
Humidity shall not be condensing, no minimum humidity when
stored in an ESD compliant package.
Another consideration in hold-up capacitor selection is their
ripple current rating. The capacitors’ rating must be higher than
the maximum operating ripple current. The approximate
operating ripple current (RMS) is given by:
(6)
I
RMS = 2P/VAC
Where:
P = operating power level
V
AC = operating line voltage
Calculated values of bus capacitance for various hold-up time,
ride-through time, and ripple voltage requirements are given
as a function of operating power level in Figures 15, 16, and
17, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com