Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40LP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAS40LP
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS40LP Datasheet(HTML) 3 Page - Diodes Incorporated

  BAS40LP Datasheet HTML 1Page - Diodes Incorporated BAS40LP Datasheet HTML 2Page - Diodes Incorporated BAS40LP Datasheet HTML 3Page - Diodes Incorporated BAS40LP Datasheet HTML 4Page - Diodes Incorporated BAS40LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAS40LP
Document number: DS30503 Rev. 16 - 2
3 of 5
www.diodes.com
August 2016
© Diodes Incorporated
BAS40LP
0
50
100
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (癈 )
Fig. 3 Power Derating Curve
A
150
200
250
300
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
30
35
40
Fig. 4 Typical Junction Capacitance
V , REVERSE VOLTAGE (V)
R
f = 1MHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0
25
50
75
100
125
150
175
Fig. 5 Forward Current Derating Curve
T , AMBIENT TEMPERATURE (癈 )
A
0.1
1.0
10.0
100.0
1x10
-5
1x10
-4
1x10
-3
1x10
-2
1x10
-1
1
T , PULSE WIDTH (s)
P
Fig. 7 Repetitive Forward Current with Pulse Duration
n = 0.5
n = 0.8
n = 0.2
n = 0.1
n = 0.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
0.2
0.4
0.6
0.8
1
I
F(av), AVERAGE FORWARD CURRENT (A)
Fig.6 Forward Power Dissipation
T
J = 150
oC
Note 8
(°C)
(°C)
tP, PULSE WIDTH (s)
t
t
t



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com