Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD3S0230 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PD3S0230
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PD3S0230 Datasheet(HTML) 2 Page - Diodes Incorporated

  PD3S0230 Datasheet HTML 1Page - Diodes Incorporated PD3S0230 Datasheet HTML 2Page - Diodes Incorporated PD3S0230 Datasheet HTML 3Page - Diodes Incorporated PD3S0230 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
PD3S0230
Document number: DS30722 Rev.10 - 2
2 of 4
www.diodes.com
January 2016
© Diodes Incorporated
PD3S0230
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
Continuous Forward Current
IFM
200
mA
Repetitive Peak Forward Current
IFRM
300
mA
Non-Repetitive Peak Forward Surge Current
@ tp < 10ms
IFSM
600
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Ambient Air (Note 5)
RJA
242
C/W
Operating Temperature Range
TJ
-65 to +125
C
Storage Temperature Range
TSTG
-65 to +150
C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 7)
V(BR)R
30
V
IR = 100A
Forward Voltage
VF
217
280
350
400
485
240
320
400
500
800
mV
IF = 0.1mA
IF = 1mA
IF = 10mA
IF = 30mA
IF = 100mA
Leakage Current (Note 7)
IR
2.0
A
VR = 25V
Total Capacitance
CT
10.7
pF
VR = 1.0V, f = 1.0MHz
Reverse Recovery Time
trr
5.0
ns
IF = 10mA through IR = 10mA
to IR = 1.0mA, RL = 100
Notes:
5. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com. TA = +25°C.
6. Polymide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com.
7. Short duration pulse test used to minimize self-heating effect.
0
0.1
1
10
100
1,000
10,000
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
0.01
0.1
1
10
100
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
10
20
30
0
0.001
0.0001



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com