Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLLS2000 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZLLS2000
Description  40V HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLLS2000 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZLLS2000 Datasheet HTML 1Page - Diodes Incorporated ZLLS2000 Datasheet HTML 2Page - Diodes Incorporated ZLLS2000 Datasheet HTML 3Page - Diodes Incorporated ZLLS2000 Datasheet HTML 4Page - Diodes Incorporated ZLLS2000 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ZLLS2000
Document number DS32060 Rev. 7
– 2
2 of 5
www.diodes.com
July 2016
© Diodes Incorporated
ZLLS2000
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Continuous Reverse Voltage
VRRM
40
V
Forward Current
IF
2.2
A
Peak Repetitive Forward Current
Rectangular Pulse Duty Cycle
IFPK
3.55
A
Non Repetitive Forward Current
t
≤ 100μs
t
≤ 10ms
IFSM
36
12
A
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation @TA = +25°C
Single Die Continuous
Single Die Measured at t < 5 secs
PD
-
1.1
1.71
-
W
W
Junction to Ambient (Note 5)
RθJA
113
°C/W
Junction to Ambient (Note 6)
RθJA
73
°C/W
Storage Temperature Range
TSTG
-55 to +150
°C
Junction Temperature
TJ
+150
°C
Notes:
5. For a device surface mounted on 25mm x 25mm FR-4 PCB with high coverage of single sided 1oz copper, in still air conditions.
6. For a device mounted on FR-B PCB measured at t < 5secs.
0
20
40
60
80
100 120 140 160
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Derating Curve
Temperature (
O
C)
100μ
1m
10m 100m
1
10
100
1k
20
40
60
80
100
120
T
AMB
=25
OC
Rectangular Pulse
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
40
-
-
V
IR = 1mA
Forward Voltage (Note 7)
VF
-
285
-
mV
IF = 50mA
-
305
-
IF = 100mA
-
335
-
IF = 250mA
-
365
390
IF = 500mA
-
403
430
IF = 1A
-
433
490
IF = 1.5A
-
461
540
IF = 2A
-
509
600
IF = 3A
-
450
-
IF = 2A,TA = +100°C
Reverse Current
IR
-
-
10
0.6
40
-
μA
mA
VR = 30V
VR = 30V, TA = +85°C
Diode Capacitance
CD
-
65
-
pF
f = 1MHz, VR = 30V
Reverse Recovery Time
Reverse Recovery Charge
tRR
QRR
-
-
6
685
-
-
ns
nC
Switched from IF = 500mA to VR = 5.5V
Measured @ IR 50mA. di /dt = 500mA/ ns.
RSOURCE = 6Ω; RLOAD = 10Ω
Note:
7.
Measured under pulsed conditions. Pulse width = 300μs. Duty cycle < 2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com