Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLLS2000TA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZLLS2000TA
Description  40V HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLLS2000TA Datasheet(HTML) 3 Page - Diodes Incorporated

  ZLLS2000TA Datasheet HTML 1Page - Diodes Incorporated ZLLS2000TA Datasheet HTML 2Page - Diodes Incorporated ZLLS2000TA Datasheet HTML 3Page - Diodes Incorporated ZLLS2000TA Datasheet HTML 4Page - Diodes Incorporated ZLLS2000TA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ZLLS2000
Document number DS32060 Rev. 7
– 2
3 of 5
www.diodes.com
July 2016
© Diodes Incorporated
ZLLS2000
0.0
0.2
0.4
0.6
100n
1μ
10μ
100μ
1m
10m
100m
1
10
0
10
20
30
40
10p
100p
1n
10n
100n
1μ
10μ
100μ
1m
10m
100m
0.01
0.1
1
10
20
40
60
80
100
120
140
160
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1
10
20
40
60
80
100
120
140
160
100m
1
10
0
50
100
150
200
250
300
350
400
150
oC
85
oC
25
oC
-55
oC
I
F
v V
F
V
F
- Forward Voltage (V)
-15
oC
-55
oC
+25
oC
+85
oC
+150
oC
I
R
v V
R
V
R
- Reverse Voltage (V)
R
th
=113
oC/W
Rectangular Pulse
D = 1
D = 0.5
D = 0.2
D = 0.1
D = 0.05
T
C
v I
F(AV)
I
F(PK)
- Peak Fwd Current (A)
T
J
=150
oC
Rectangular Pulse
D = 1
D = 0.5
D = 0.2
D = 0.1
D = 0.05
P
F(AV)
v I
F(PK)
I
F(PK)
- Peak Fwd Current (A)
T
J
=150
oC
Rth(j-a) = 10
oC/W
Rth(j-a) = 50
oC/W
Rth(j-a) = 113
oC/W
Rth(j-a) = 200
oC/W
Rth(j-a) = 300
oC/W
T
A
v V
R
V
R
- Continuous Reverse Voltage (V)
f = 1MHz
C
D
v V
R
V
R
- Reverse Voltage (V)
100
μ
10
μ
1
μ
100
μ
10
μ
1
μ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com