Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F16013 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F16013
Description  ~35째 medium beam. Clean appearance with no additional attachment interface and compatible
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F16013 Datasheet(HTML) 1 Page - Ledil, Inc.

  F16013 Datasheet HTML 1Page - Ledil, Inc. F16013 Datasheet HTML 2Page - Ledil, Inc. F16013 Datasheet HTML 3Page - Ledil, Inc. F16013 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
F16013_ANGELETTE-M2-B-PLAIN
ANGELETTE-M2-B-PLAIN
~35° medium beam. Clean appearance with no
additional attachment interface and compatible
with BJB connectors.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 110 mm
Height
57.3 mm
Fastening
socket
Colour
metal
Box size
398 x 298 x 265 mm
Box weight
5.3 kg
Quantity in Box
120 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Coating
ANGELETTE-M2-B-PLAINReflector
PC
metal
Last update: 01/02/2018
Subject to change without prior notice
Published: 30/05/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - F16013

ManufacturerPart #DatasheetDescription
logo
C&K Components
F1601 CK-COMPONENTS-F1601 Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
logo
Ledil, Inc.
F16010 LEDIL-F16010 Datasheet
8Mb / 6P
~35째 medium beam
F16011 LEDIL-F16011 Datasheet
5Mb / 4P
~35째 medium beam. Clean appearance with no additional attachment interface
F16012 LEDIL-F16012 Datasheet
6Mb / 4P
~35째 medium beam compatible with BJB connectors
logo
Alpha Wire
F16012KW ALPHAWIRE-F16012KW Datasheet
412Kb / 4P
6 (65/34) AWG Bare Copper
More results

Similar Description - F16013

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F14619 LEDIL-F14619 Datasheet
7Mb / 16P
~10째 spot beam. Clean appearance with no additional attachment interface.
F14620 LEDIL-F14620 Datasheet
9Mb / 17P
~50째 medium beam. Clean appearance with no additional attachment interface.
F14621 LEDIL-F14621 Datasheet
9Mb / 7P
~50째 medium beam. Clean appearance with no additional attachment interface and compatible with BJB connectors.
F14622 LEDIL-F14622 Datasheet
7Mb / 15P
~60째 wide beam. Clean appearance with no additional attachment interface.
F14623 LEDIL-F14623 Datasheet
4Mb / 7P
~60째 wide beam. Clean appearance with no additional attachment interface and compatible
F14624 LEDIL-F14624 Datasheet
5Mb / 7P
~10째 spot beam. Clean appearance with no additional attachment interface and compatible
F16011 LEDIL-F16011 Datasheet
5Mb / 4P
~35째 medium beam. Clean appearance with no additional attachment interface
F16012 LEDIL-F16012 Datasheet
6Mb / 4P
~35째 medium beam compatible with BJB connectors
C16264 LEDIL-C16264 Datasheet
2Mb / 5P
~35째 medium beam compatible
CN14237 LEDIL-CN14237 Datasheet
7Mb / 14P
~35째 medium beam.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com