Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6507GF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6507GF
Description  2.7V-to-15V, 700mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6507GF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6507GF Datasheet HTML 1Page - Monolithic Power Systems MP6507GF Datasheet HTML 2Page - Monolithic Power Systems MP6507GF Datasheet HTML 3Page - Monolithic Power Systems MP6507GF Datasheet HTML 4Page - Monolithic Power Systems MP6507GF Datasheet HTML 5Page - Monolithic Power Systems MP6507GF Datasheet HTML 6Page - Monolithic Power Systems MP6507GF Datasheet HTML 7Page - Monolithic Power Systems MP6507GF Datasheet HTML 8Page - Monolithic Power Systems MP6507GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MP6507
2.7V-to-15V, 700mA, Bipolar Stepper-Motor
Driver with Integrated MOSFETs
MP6507 Rev. 1.05
www.MonolithicPower.com
1
4/30/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP6507 is a bipolar stepper-motor driver
with dual, built-in full-bridges consisting of N-
channel power MOSFETs.
It operates from a supply voltage range of 2.7V
to 15V, and can deliver motor current up to
700mA per channel. The internal safety
features include sinking and sourcing current
limits implemented with external sensors,
under-voltage lockout and thermal shutdown.
An over-temperature output flag is available to
indicate thermal shutdown.
The
MP6507
is
available
in
16-pin,
5.0mm×6.4mm
TSSOP-EP
and
TSSOP,
3mm×3mm and 4mmx4mm QFN package with
an exposed thermal pad on the back.
FEATURES
 Wide 2.7V-to-15V Input Voltage Range
 Two Internal Full-Bridge Drivers
 Low MOSFET On Resistance (HS: 500mΩ;
LS: 500 mΩ)
 Internal Charge Pump for the High-Side
Driver
 Low Quiescent Current: 1.1mA
 Low Sleep Current: 1μA
 Thermal Shutdown and Under-Voltage
Lockout Protection
 Over-Temperature Output Flag
 Thermally-Enhanced Surface-Mount
Package
APPLICATIONS
 POS Printers
 Video Security Camera
 Digital Still Cameras
 Battery Powered Toys
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
Motor
BST
VIN
AOUT1
AOUT2
BOUT1
BOUT2
Fault
VDD
VIN
MP6507
SENA
WindingA
SENB
RSENB
C1
C2
C3
OFF
ON
RSENA
GND
FAULT
BIN2
AIN1
AIN2
BIN1
0.1uF
10uF
2.2uF
nSLEEP
Motor
BST
VIN
AOUT1
AOUT2
BOUT1
BOUT2
Fault
VDD
VIN
MP6507
SENA
SENB
RSENB
C1
C2
C3
OFF
ON
RSENA
GND
FAULT
BIN2
AIN1
AIN2
BIN1
0.1uF
10uF
2.2uF
nSLEEP
Motor
Stepper Motor Application
Dual DC Motor Application


Similar Part No. - MP6507GF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6507GF MPS-MP6507GF Datasheet
322Kb / 6P
500mA,15V, Bipolar Stepper Motor Driver Evaluation Board
More results

Similar Description - MP6507GF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9942 STMICROELECTRONICS-L9942 Datasheet
575Kb / 37P
Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
07-Nov-2005
logo
Monolithic Power System...
EV6507GF-00A MPS-EV6507GF-00A Datasheet
322Kb / 6P
500mA,15V, Bipolar Stepper Motor Driver Evaluation Board
EV6507GQ-00A MPS-EV6507GQ-00A Datasheet
301Kb / 6P
500mA,15V, Bipolar Stepper Motor Driver Evaluation Board
MP6501A MPS-MP6501A Datasheet
2Mb / 17P
8V to 35V, 2.5A Stepper Motor Driver with Integrated MOSFETs
MP6504 MPS-MP6504 Datasheet
899Kb / 16P
8V to 32V, 2A, Stepper Motor Driver with Integrated MOSFETs
MP6506 MPS-MP6506 Datasheet
432Kb / 13P
2.7V-to-15V, 500mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
MP6508 MPS-MP6508 Datasheet
1Mb / 15P
2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
MP6509 MPS-MP6509 Datasheet
575Kb / 15P
2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
MP6518 MPS-MP6518 Datasheet
1Mb / 16P
35V, 1.5A Stepper Motor Driver with Integrated MOSFETs
MP6520 MPS-MP6520 Datasheet
749Kb / 15P
8V to 32V, 1.5A, Stepper Motor Driver with Integrated MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com