Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6509GF Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP6509GF
Description  2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6509GF Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP6509GF Datasheet HTML 7Page - Monolithic Power Systems MP6509GF Datasheet HTML 8Page - Monolithic Power Systems MP6509GF Datasheet HTML 9Page - Monolithic Power Systems MP6509GF Datasheet HTML 10Page - Monolithic Power Systems MP6509GF Datasheet HTML 11Page - Monolithic Power Systems MP6509GF Datasheet HTML 12Page - Monolithic Power Systems MP6509GF Datasheet HTML 13Page - Monolithic Power Systems MP6509GF Datasheet HTML 14Page - Monolithic Power Systems MP6509GF Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP6509 – 2.7V-TO-18V, 1.2A STEPPER MOTOR DRIVER
MP6509 Rev.1.0
www.MonolithicPower.com
13
8/28/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Table 3: Attenuation Function for VREF Value
ATT1
ATT2
Attenuation Ratio
L
L
100%
H
L
80%
L
H
50%
H
H
20%
The formula used to calculate the output current
limit when using the function for attenuating the
VREF value is given below:
REF
LIMIT
SENSE
V
I
Attenuation Ratio
R
=×
(2)
Sleep Mode
The MP6509 provides low-power standby sleep
mode.
Connect the nSLEEP pin to logic low to enable a
low-power sleep state. In this state, the two full
bridges are disabled and the internal circuits
such as the gate drive, internal regulator, and
charge pump all shut down. Connect the
nSLEEP pin to logic high to wake up the MP6509
from sleep mode, though there is a delay time of
~1ms until the internal circuitry stabilizes.
Blanking Time
There is usually a current spike during the
switching transition due to the body diode’s
reverse-recovery current or the distributed
inductance or capacitance. This current spike
requires filtering to prevent it from erroneously
shutting down the high-side MOSFET. An
internal blanking time TBLANK blanks the output of
the current sense comparator when the outputs
are switched, which is also the minimum on time
for high-side MOSFET.
Enable
If all the inputs (AIN1, AIN2, BIN1 and BIN2) are
logic low, the MP6509’s outputs are disabled
while the charger pump and internal regulator
remain active.
Synchronous Rectifier
The MP6509 enters a synchronous rectifier (SR)
mode during the constant off-time period when
the current limit threshold is exceeded, and the
load current freewheels in slow decay SR mode.
In slow decay mode, the current freewheels
through one low-side MOSFET and the body
diode of the other low-side MOSFET to short the
winding. The SR mode enables both two low-side
MOSFETs, which feature a lower voltage drop
and lower power dissipation during decay
operation.
Over-Current Protection
The over-current protection circuit limits the
current through the FET by disable the gate
driver. If the over-current limit threshold is
reached and lasts for longer than the over-
current deglitch time, all MOSFETs in the H-
bridge will be disabled and the nFAULT pin will
be driven low. The driver will remain disabled and
is reset to enable state after 2ms(typ). Please
note that only the H-bridge in which the OCP is
detected will be disabled while the other bridge
will operate normally.
Over-current conditions on both high and low
side devices; i.e., a short to ground, supply, or
across the motor winding will all result in an over-
current
shutdown.
Note
that
over-current
protection does not use the current sense
circuitry used for PWM current control, and is
independent of the sense resistor value or VREF
voltage.
Thermal Shutdown
The junction temperature of the IC is internally
monitored. If the junction temperature exceeds
the threshold value (typically 165ºC), the
converter is shut down (the fault pin goes low)
and recoveries once the junction temperature
drops to about 150ºC (15ºC hysteresis).
UVLO protection
The MP6509 has UVLO protection. When the
VIN exceeds the UVLO rising threshold, the
MP6509 powers up. It shuts off when VIN drops
below the UVLO falling threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com