Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ5231 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SMBJ5231
Description  SILICON 1 WATT ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMBJ5231 Datasheet(HTML) 2 Page - Microsemi Corporation

  SMBJ5231 Datasheet HTML 1Page - Microsemi Corporation SMBJ5231 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MSC1346.PDF
ISO 9001 CERTIFIED
ELECTRICAL CHARACTERISTICS @ 25
°°C
Max Reverse Leakage Current
A, B, C & D Suffix Only
Non-Suffix
Max Zener Impedance
A & B Suffix Only
Note 2
@
VR
Volts
JEDEC
Type No.
Note 1
Nominal
Zener
Voltage
VZ @ IZT
Volts
Test
Current
IZT
mA
ZZT @ IZT
Ohms
ZZK @ IZK = 0.25 mA
Ohms
IR
µA
A
B, C & D
IR @ VR Used
For Suffix A
µA
Max Zener
Volatage Temp.
Coeff.
(A & B Suffix Only)
αVZ(% / °C)
SMBJ5221
2.4
20
30
1200
100
0.95
1.0
200
-0.085
SMBJ5222
2.5
20
30
1250
100
0.95
1.0
200
-0.085
SMBJ5223
2.7
20
30
1300
75
0.95
1.0
150
-0.080
SMBJ5224
2.8
20
30
1400
75
0.95
1.0
150
-0.080
SMBJ5225
3.0
20
29
1600
50
0.95
1.0
100
-0.075
SMBJ5226
3.3
20
28
1600
25
0.95
1.0
100
-0.070
SMBJ5227
3.6
20
24
1700
15
0.95
1.0
100
-0.065
SMBJ5228
3.9
20
23
1900
10
0.95
1.0
75
-0.060
SMBJ5229
4.3
20
22
2000
5.0
0.95
1.0
50
±0.055
SMBJ5230
4.7
20
19
1900
5.0
1.9
2.0
50
±0.030
SMBJ5231
5.1
20
17
1600
5.0
1.9
2.0
50
±0.030
SMBJ5232
5.6
20
11
1600
5.0
2.9
3.0
50
+0.038
SMBJ5233
6.0
20
7.0
1600
5.0
3.3
3.5
50
+0.038
SMBJ5234
6.2
20
7.0
1000
5.0
3.8
4.0
50
+0.045
SMBJ5235
6.8
20
5.0
750
3.0
4.8
5.0
30
+0.050
SMBJ5236
7.5
20
6.0
500
3.0
5.7
6.0
30
+0.058
SMBJ5237
8.2
20
8.0
500
3.0
6.2
6.5
30
+0.062
SMBJ5238
8.7
20
8.0
600
3.0
6.2
6.5
30
+0.065
SMBJ5239
9.1
20
10
600
3.0
6.7
7.0
30
+0.068
SMBJ5240
10
20
17
600
3.0
7.6
8.0
30
+0.075
SMBJ5241
11
20
22
600
2.0
8.0
8.4
30
+0.076
SMBJ5242
12
20
30
600
1.0
8.7
9.1
10
+0.077
SMBJ5243
13
9.5
13
600
0.5
9.4
9.9
10
+0.079
SMBJ5244
14
9.0
15
600
0.1
9.5
10
10
+0.082
SMBJ5245
15
8.5
16
600
0.1
10.5
11
10
+0.082
SMBJ5246
16
7.8
17
600
0.1
11.4
12
10
+0.083
SMBJ5247
17
7.4
19
600
0.1
12.4
13
10
+0.084
SMBJ5248
18
7.0
21
600
0.1
13.3
14
10
+0.085
SMBJ5249
19
6.6
23
600
0.1
13.3
14
10
+0.086
SMBJ5250
20
6.2
25
600
0.1
14.3
15
10
+0.086
SMBJ5251
22
5.6
29
600
0.1
16.2
17
10
+0.087
SMBJ5252
24
5.2
33
600
0.1
17.1
18
10
+0.088
SMBJ5253
25
5.0
35
600
0.1
18.1
19
10
+0.089
SMBJ5254
27
4.6
41
600
0.1
20
21
10
+0.090
SMBJ5255
28
4.5
44
600
0.1
20
21
10
+0.091
SMBJ5256
30
4.2
49
600
0.1
22
23
10
+0.091
SMBJ5257
33
3.8
58
700
0.1
24
25
10
+0.092
SMBJ5258
36
3.4
70
700
0.1
26
27
10
+0.093
SMBJ5259
39
3.2
80
800
0.1
29
30
10
+0.094
SMBJ5260
43
3.0
93
900
0.1
31
33
10
+0.095
SMBJ5261
47
2.7
105
1000
0.1
34
36
10
+0.095
SMBJ5262
51
2.5
125
1100
0.1
37
39
10
+0.096
SMBJ5263
56
2.2
150
1300
0.1
41
43
10
+0.096
SMBJ5264
60
2.1
170
1400
0.1
44
46
10
+0.097
SMBJ5265
62
2.0
185
1400
0.1
45
47
10
+0.097
SMBJ5266
68
1.8
230
1600
0.1
49
52
10
+0.097
SMBJ5267
75
1.7
270
1700
0.1
53
56
10
+0.098
SMBJ5268
82
1.5
330
2000
0.1
59
62
10
+0.098
SMBJ5269
87
1.4
370
2200
0.1
65
68
10
+0.099
SMBJ5270
91
1.4
400
2300
0.1
66
69
10
+0.099
SMBJ5271
100
1.3
500
2600
0.1
72
76
10
+0.110
SMBJ5272
110
1.1
750
3000
0.1
80
84
10
+0.110
SMBJ5273
120
1.0
900
4000
0.1
86
91
10
+0.110
SMBJ5274
130
0.95
1100
4500
0.1
94
99
10
+0.110
SMBJ5275
140
0.90
1300
4500
0.1
101
106
10
+0.110
SMBJ5276
150
0.85
1500
5000
0.1
108
114
10
+0.110
SMBJ5277
160
0.80
1700
5500
0.1
116
122
10
+0.110
SMBJ5278
170
0.74
1900
5500
0.1
123
129
10
+0.110
SMBJ5279
180
0.68
2200
6000
0.1
130
137
10
+0.110
SMBJ5280
190
0.66
2400
6500
0.1
137
144
10
+0.110
SMBJ5281
200
0.65
2500
7000
0.1
144
152
10
+0.110
Note 1.
No suffix indicates a ± 20% tolerance on nominal VZ. Suffix A denotes a ± 10% tolerance, B denotes a ± 5% tolerance, C denotes a ± 2%
tolerance, and D denotes a ± 1% tolerance. The electrical characteristics are measured after allowing the device to stabilize for 20 seconds when
mounted on a heat sink.
Note 2.
The zener impedance is derived from the 60 Hz ac voltage, which results when an ac current having an r.m.s. valued equal to 10% of the dc
zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the breakdown
curve, thereby eliminating unstable units.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com