Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV300 Datasheet(PDF) 49 Page - ams AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV300 Datasheet(HTML) 49 Page - ams AG

Back Button CMV300 Datasheet HTML 45Page - ams AG CMV300 Datasheet HTML 46Page - ams AG CMV300 Datasheet HTML 47Page - ams AG CMV300 Datasheet HTML 48Page - ams AG CMV300 Datasheet HTML 49Page - ams AG CMV300 Datasheet HTML 50Page - ams AG CMV300 Datasheet HTML 51Page - ams AG CMV300 Datasheet HTML 52Page - ams AG CMV300 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
Reference:CMV300-datasheet-v2.10
CMV300 Datasheet
Page 48 of 55
© 2016 CMOSIS bvba
Pin number
Pin name
Description
Block
Type
F7
CLK_IN
Master clock input (max 25MHz), 3.3V signaling
Sequencer
IO
F8
SPI_CLK
SPI input, 3.3V signaling
SPI
IO
G1
Vtf_L
Decouple with with 100nF to GND
Pixel array
Bias
G2
Vtf_L2
Decouple with with 100nF to GND
Pixel array
Bias
G3
VDD20
Connect to 2.2V supply
LVDS, ADC
Supply
G4
VDD33
Connect to 3.3V supply
I/O, SPI, ADC
Supply
G5
Output1_N
Image data output
LVDS
Output
G6
Output2_N
Image data output
LVDS
Output
G7
Output_ctrl_P
LVDS control output
LVDS
Output
G8
T_EXP1
Digital input, 3.3V signaling
Sequencer
IO
H1
Vtf_L3
Decouple with with 100nF to GND
Pixel array
Bias
H2
GND
Connect to GND
GND
H3
GND
Connect to GND
GND
H4
VDDpix
Connect to 3.0V supply
Pixel array
Supply
H5
GND
Connect to GND
GND
H6
Output1_P
Image data output
LVDS
Output
H7
Output2_P
Image data output
LVDS
Output
H8
SYS_RES_N
Digital input, 3.3V signaling
Sequencer
IO
9.2 PARALLEL CMOS OUTPUT MODE PIN LIST
The pin list of the CMV300 in parallel CMOS output mode can be found below.
Pin number
Pin name
Description
Block
Type
A1
Test1
No need to connect
Sequencer
Test pin
A2
GND
Connect to GND
GND
A3
GND
Connect to GND
GND
A4
VDDpix
Connect to 3.0V supply
Pixel array
Supply
A5
GND
Connect to GND
GND
A6
D4
Image data output, VDD20 signaling
CMOS Out
Output
A7
D6
Image data output, VDD20 signaling
CMOS Out
Output
A8
SPI_OUT
SPI output, 3.3V signaling
SPI
IO
B1
Test2
No need to connect
Sequencer
Test pin
B2
Enable_LVDS
Connect to GND
Sequencer
GND
B3
VDD20
Connect to 2.2V supply
LVDS, ADC
Supply
B4
VDD33
Connect to 3.3V supply
I/O, SPI, ADC
Supply
B5
D5
Image data output, VDD20 signaling
CMOS Out
Output
B6
D7
Image data output, VDD20 signaling
CMOS Out
Output
B7
D8
Image data output, VDD20 signaling
CMOS Out
Output
B8
SPI_IN
SPI input, 3.3V signaling
SPI
IO
C1
VDD33
Connect to 3.3V supply
I/O, SPI, ADC
Supply
C2
VDDpix
Connect to 3.0V supply
Pixel array
Supply
C3
R_adc2
Optional, no need to connect
ADC
Bias
C4
R_adc1
Optional, no need to connect
ADC
Bias
C5
D9
Image data output, VDD20 signaling
LVDS
Output
C6
CLK_OUT
CMOS output, 3.3V signaling
Sequencer
Output
C7
SPI_EN
SPI input, 3.3V signaling
SPI
IO
C8
GND
Connect to GND
GND
D1
Vref
Decouple with 100nF to GND
ADC
Bias
D2
Vramp1
Decouple with 100nF to GND
ADC
Bias
D3
Vramp2
Decouple with 100nF to GND
ADC
Bias
D4
NC
Not connected
NA
D5
NC
Not connected
NA
D6
NC
Not connected
NA
D7
LVDS_CLK_N
LVDS input clock (N), optional
LVDS
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com