Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8840AMBZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL8840AMBZ
Description  High Performance Industry Standard Single-Ended Current Mode PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8840AMBZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL8840AMBZ Datasheet HTML 7Page - Renesas Technology Corp ISL8840AMBZ Datasheet HTML 8Page - Renesas Technology Corp ISL8840AMBZ Datasheet HTML 9Page - Renesas Technology Corp ISL8840AMBZ Datasheet HTML 10Page - Renesas Technology Corp ISL8840AMBZ Datasheet HTML 11Page - Renesas Technology Corp ISL8840AMBZ Datasheet HTML 12Page - Renesas Technology Corp ISL8840AMBZ Datasheet HTML 13Page - Renesas Technology Corp ISL8840AMBZ Datasheet HTML 14Page - Renesas Technology Corp ISL8840AMBZ Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
FN6320 Rev 3.00
Page 13 of 15
April 18, 2007
ISL8840A, ISL8841A, ISL8842A, ISL8843A, ISL8844A, ISL8845A
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2005-2007. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Example:
VIN = 12V
VO = 48V
Ls = 800H
Ns/Np = 10
Lp = 8.0
H
IO = 200mA
Switching Frequency, fsw = 200kHz
Duty Cycle, D = 28.6%
R6 = 499
Solve for the current sense resistor, RCS, using Equation 15.
RCS = 295m
Determine the amount of voltage, Ve, that must be added to
the current feedback signal using Equation 12.
Ve = 92.4mV
Using Equation 17, solve for the summing resistor, R9, from CT
to CS.
R9 = 2.67k
Determine the new value of RCS (R’CS) using Equation 18.
R’CS = 350m
Additional slope compensation may be considered for design
margin. The above discussion determines the minimum
external ramp that is required. The buffer transistor used to
create the external ramp from RTCT should have a sufficiently
high gain (>200) so as to minimize the required base current.
Whatever base current is required reduces the charging
current into RTCT and will reduce the oscillator frequency.
Fault Conditions
A Fault condition occurs if VREF falls below 4.65V. When a
Fault is detected OUT is disabled. When VREF exceeds 4.80V,
the Fault condition clears, and OUT is enabled.
Ground Plane Requirements
Careful layout is essential for satisfactory operation of the
device. A good ground plane must be employed. A unique
section of the ground plane must be designated for high di/dt
currents associated with the output stage. VDD should be
bypassed directly to GND with good high frequency capacitors.
References
[1] Ridley, R., “A New Continuous-Time Model for Current
Mode Control”, IEEE Transactions on Power Electronics,
Vol. 6, No. 2, April 1991.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com