Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF01S-T3 Datasheet(PDF) 3 Page - Shenzhen Yixinwei Technology Co., Ltd.

Part # DF01S-T3
Description  1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

DF01S-T3 Datasheet(HTML) 3 Page - Shenzhen Yixinwei Technology Co., Ltd.

  DF01S-T3 Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. DF01S-T3 Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd. DF01S-T3 Datasheet HTML 3Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
DF005S-T3
DIL Bridge SMD
1500/Tape & Reel
DF005S
DIL Bridge SMD
50 Units/Tube
DF01S-T3
DIL Bridge SMD
1500/Tape & Reel
DF01S
DIL Bridge SMD
50 Units/Tube
DF02S-T3
DIL Bridge SMD
1500/Tape & Reel
DF02S
DIL Bridge SMD
50 Units/Tube
DF04S-T3
DIL Bridge SMD
1500/Tape & Reel
DF04S
DIL Bridge SMD
50 Units/Tube
DF06S-T3
DIL Bridge SMD
1500/Tape & Reel
DF06S
DIL Bridge SMD
50 Units/Tube
DF08S-T3
DIL Bridge SMD
1500/Tape & Reel
DF08S
DIL Bridge SMD
50 Units/Tube
DF10S-T3
DIL Bridge SMD
1500/Tape & Reel
DF10S
DIL Bridge SMD
50 Units/Tube
Products listed in bold are WTE Preferred devices.
!T3 suffix refers to a 13” reel.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
RECOMMENDED FOOTPRINT
0.06 MIN
(1.52 MIN)
0.404 MAX
(10.26 MAX)
0.047 MIN
(1.20 MIN)
0.205(5.2)
0.195(5.0)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com