Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCB-T67S Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LCB-T67S
Description  white PLCC-2 package, colored diffused resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCB-T67S Datasheet(HTML) 4 Page - OSRAM GmbH

  LCB-T67S Datasheet HTML 1Page - OSRAM GmbH LCB-T67S Datasheet HTML 2Page - OSRAM GmbH LCB-T67S Datasheet HTML 3Page - OSRAM GmbH LCB-T67S Datasheet HTML 4Page - OSRAM GmbH LCB-T67S Datasheet HTML 5Page - OSRAM GmbH LCB-T67S Datasheet HTML 6Page - OSRAM GmbH LCB-T67S Datasheet HTML 7Page - OSRAM GmbH LCB-T67S Datasheet HTML 8Page - OSRAM GmbH LCB-T67S Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2017-01-24
4
Version 2.2 - OS-PCN-2016-012-A
LCB T67S CoD blue IB
Characteristics (TS = 25 °C; IF = 10 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931 3) page 23
Farbkoordinaten nach CIE 1931 3) Seite 23
(typ.)
(typ.)
Cx
Cy
0.2
0.3
-
-
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2ϕ
120
°
Forward voltage
4) page 23
Durchlassspannung 4) Seite 23
(min.)
(typ.)
(max.)
VF
VF
V
F
2.70
3.10
3.40
V
V
V
Reverse current
Sperrstrom
(VR = 5 V)
(typ.)
(max.)
I
R
I
R
0.01
10
µA
µA
Real thermal resistance junction / ambient
5) page 23 ,
6) page 23
Realer Wärmewiderstand Sperrschicht / Umgebung
5) Seite 23 , 6) Seite 23
(max.)
Rth JA real
450
K/W
Real thermal resistance junction / solder point
6) page 23
Realer Wärmewiderstand Sperrschicht / Lötpad
6) Seite 23
(max.)
R
th JS real
230
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com