Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCW-CQ7P.CC Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LCW-CQ7P.CC
Description  SMD ceramic package with silicon resin with lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-CQ7P.CC Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LCW-CQ7P.CC Datasheet HTML 8Page - OSRAM GmbH LCW-CQ7P.CC Datasheet HTML 9Page - OSRAM GmbH LCW-CQ7P.CC Datasheet HTML 10Page - OSRAM GmbH LCW-CQ7P.CC Datasheet HTML 11Page - OSRAM GmbH LCW-CQ7P.CC Datasheet HTML 12Page - OSRAM GmbH LCW-CQ7P.CC Datasheet HTML 13Page - OSRAM GmbH LCW-CQ7P.CC Datasheet HTML 14Page - OSRAM GmbH LCW-CQ7P.CC Datasheet HTML 15Page - OSRAM GmbH LCW-CQ7P.CC Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Released
LCW CQ7P.CC
2011-03-23
12
Durchlassstrom
2) Seite 22
Forward Current
2) page 22
I
F = f (VF); TS = 25 °C
Farbortverschiebung
2) Seite 22
Chromaticity Coordinate Shift
2) page 22
x, y =
f (I
F); TS = 25 °C
Relativer Lichtstrom
2) Seite 22
Relative Luminous Flux
2) page 22
Φ
V/ΦV(350 mA) = f (I
F); TS = 25 °C
OHL04578
F
I
V
mA
2.8
F
V
3.0
3.2
3.4
3.6
3.8
200
400
600
800
-0.006
OHL04569
F
I
Cx
Cy
mA
200
400
600
800
-0.004
-0.002
0
0.002
0.004
Cx, Cy
OHL04571
I
F
Φ (350 mA)
V
V
Φ
0
mA
200
400
600
800
0.5
1.0
1.5
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com