Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCW-CQ7P.PC Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LCW-CQ7P.PC
Description  SMD ceramic package with silicon resin with lens
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-CQ7P.PC Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LCW-CQ7P.PC Datasheet HTML 9Page - OSRAM GmbH LCW-CQ7P.PC Datasheet HTML 10Page - OSRAM GmbH LCW-CQ7P.PC Datasheet HTML 11Page - OSRAM GmbH LCW-CQ7P.PC Datasheet HTML 12Page - OSRAM GmbH LCW-CQ7P.PC Datasheet HTML 13Page - OSRAM GmbH LCW-CQ7P.PC Datasheet HTML 14Page - OSRAM GmbH LCW-CQ7P.PC Datasheet HTML 15Page - OSRAM GmbH LCW-CQ7P.PC Datasheet HTML 16Page - OSRAM GmbH LCW-CQ7P.PC Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Released
LCW CQ7P.PC
2011-03-23
13
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T
S)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 85 °C
600
40
Do not use current below 100 mA
020
400
200
0
˚C
100
60
80
T
S
140
mA
1200
800
F
I
OHL04652
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL04611
T
t
P
I
F
0.05
0.2
0.1
0.5
1
0.02
0.01
D
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.2
0.005
=
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL04611
T
t
P
I
F
0.05
0.2
0.1
0.5
1
0.02
0.01
D
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.2
0.005
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com