Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCW-G6SP Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LCW-G6SP
Description  white P-LCC-6 package, colored diffused silicone resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-G6SP Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LCW-G6SP Datasheet HTML 9Page - OSRAM GmbH LCW-G6SP Datasheet HTML 10Page - OSRAM GmbH LCW-G6SP Datasheet HTML 11Page - OSRAM GmbH LCW-G6SP Datasheet HTML 12Page - OSRAM GmbH LCW-G6SP Datasheet HTML 13Page - OSRAM GmbH LCW-G6SP Datasheet HTML 14Page - OSRAM GmbH LCW-G6SP Datasheet HTML 15Page - OSRAM GmbH LCW-G6SP Datasheet HTML 16Page - OSRAM GmbH LCW-G6SP Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
LCW G6SP
2010-03-16
13
Relative Vorwärtsspannung
2) Seite 21
Relative Forward Voltage
2) page 21
ΔV
F = VF - VF(25 °C) = f (Tj); IF = 140 mA
Farbortverschiebung
2) Seite 21
Chromaticity Coordinate Shift
2) page 21
x, y =
f (T
j); IF = 140 mA
Relative Lichtstärke
2) Seite 21
Relative Luminous Intensity
2) page 21
I
V/IV(25 °C) = f (T
j); IF = 140 mA
OHL02772
-0.25
V
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.50
-60
-20
-40
0
20
˚C
40 60
100
T
j
Δ
F
V
-0.004
OHL03717
Cx,
Δ
Cy
Δ
Cx
Δ
ΔCy
-40 -20 0
40
20
60
˚C
100
80
T
j
140
-0.003
-0.002
-0.001
0
0.001
0.002
0.003
0.004
0.006
-40
0.6
V (25 ˚C)
I
I
V
T
j
OHL03718
0.7
0.8
0.9
1.0
1.2
˚C
-20 0 20 40 60 80 100
140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com