Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCW-H9GP Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LCW-H9GP
Description  SMD epoxy package with silicone lens
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-H9GP Datasheet(HTML) 4 Page - OSRAM GmbH

  LCW-H9GP Datasheet HTML 1Page - OSRAM GmbH LCW-H9GP Datasheet HTML 2Page - OSRAM GmbH LCW-H9GP Datasheet HTML 3Page - OSRAM GmbH LCW-H9GP Datasheet HTML 4Page - OSRAM GmbH LCW-H9GP Datasheet HTML 5Page - OSRAM GmbH LCW-H9GP Datasheet HTML 6Page - OSRAM GmbH LCW-H9GP Datasheet HTML 7Page - OSRAM GmbH LCW-H9GP Datasheet HTML 8Page - OSRAM GmbH LCW-H9GP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
2017-06-06
4
Version 1.4
LCW H9GP
Characteristics (TS = 25 °C; IF = 350 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931 2) page 25
Farbkoordinaten nach CIE 1931 2) Seite 25
(typ.)
(typ.)
Cx
Cy
0.42
0.4
-
-
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2ϕ
90
°
Forward voltage
3) page 25
Durchlassspannung 3) Seite 25
(min.)
(typ.)
(max.)
VF
VF
V
F
2.75
3.20
3.75
V
V
V
Reverse current
Sperrstrom
I
R
not designed for
reverse operation
Real thermal resistance junction / solder point
4) page 25
Realer Wärmewiderstand Sperrschicht / Lötpad
4) Seite 25
(typ.)
(max.)
Rth JS real
Rth JS real
5.4
7.3
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com