Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCW-JDSI.PC Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LCW-JDSI.PC
Description  white SMT package, colored diffused silicone resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-JDSI.PC Datasheet(HTML) 1 Page - OSRAM GmbH

  LCW-JDSI.PC Datasheet HTML 1Page - OSRAM GmbH LCW-JDSI.PC Datasheet HTML 2Page - OSRAM GmbH LCW-JDSI.PC Datasheet HTML 3Page - OSRAM GmbH LCW-JDSI.PC Datasheet HTML 4Page - OSRAM GmbH LCW-JDSI.PC Datasheet HTML 5Page - OSRAM GmbH LCW-JDSI.PC Datasheet HTML 6Page - OSRAM GmbH LCW-JDSI.PC Datasheet HTML 7Page - OSRAM GmbH LCW-JDSI.PC Datasheet HTML 8Page - OSRAM GmbH LCW-JDSI.PC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2013-07-16
1
2013-07-16
DURIS® E 5
Datasheet
Version 1.0
LCW JDSI.PC
The DURIS® E 5 combines high efficacy and a wide
beam angle into a compact format (5.6 mm x 3.0 mm).
This is key to homogeneous illumination applications
where the DURIS® E 5 never fails to impress with its
performance on system level.
Die DURIS® E 5 kombiniert hohe Effizienz und einen
weiten Abstrahlwinkel in einer kompakten Bauform
(5.6 mm x 3.0 mm). Speziell für Anwendungen mit
besonders homogener Lichtverteilung kann die
DURIS® E 5 mit ihrer Leistung auf Systemebene
überzeugen.
Features:
Besondere Merkmale:
• Package: white SMT package, colored diffused
silicone resin
• Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
• Viewing angle at 50 % IV: 120°
• Abstrahlwinkel bei 50 % IV: 120°
• Color: 3000 K - 5000 K ( warm and neutral white )
• Farbe: 3000 K - 5000 K ( warm- und neutralweiß )
• CRI: min. 70
• CRI: min. 70
• Luminous Flux: typ. 48 lm @ 5000 K
• Lichtstrom: typ. 48 lm @ 5000 K
• Luminous efficacy: typ. 125 lm/W @ 5000 K
• Lichtausbeute: typ. 125 lm/W @ 5000 K
Applications
Anwendungen
• Retrofits and fixtures
• Retrofits
• Task lights
• Schreibtischleuchten


Similar Part No. - LCW-JDSI.PC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCW-JDSI.EC OSRAM-LCW-JDSI.EC Datasheet
281Kb / 23P
white SMT package, colored diffused silicone resin
More results

Similar Description - LCW-JDSI.PC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
white SMT package, colored diffused silicone resin
CUW-Y3SH.B1 OSRAM-CUW-Y3SH.B1 Datasheet
591Kb / 23P
white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
white SMT package, colored diffused silicone resin
GW-P7LM32.CM OSRAM-GW-P7LM32.CM Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
GW-P9LR32.EM OSRAM-GW-P9LR32.EM Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
GW-P9LT32.EM OSRAM-GW-P9LT32.EM Datasheet
1Mb / 24P
white SMT package, colored diffused silicone resin
GW-PSLM31.EM OSRAM-GW-PSLM31.EM Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com