Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCW-W5AM Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LCW-W5AM
Description  white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-W5AM Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LCW-W5AM Datasheet HTML 9Page - OSRAM GmbH LCW-W5AM Datasheet HTML 10Page - OSRAM GmbH LCW-W5AM Datasheet HTML 11Page - OSRAM GmbH LCW-W5AM Datasheet HTML 12Page - OSRAM GmbH LCW-W5AM Datasheet HTML 13Page - OSRAM GmbH LCW-W5AM Datasheet HTML 14Page - OSRAM GmbH LCW-W5AM Datasheet HTML 15Page - OSRAM GmbH LCW-W5AM Datasheet HTML 16Page - OSRAM GmbH LCW-W5AM Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
LCW W5AM
2009-06-19
13
Durchlassstrom
2) Seite 23
Forward Current
2) page 23
I
F = f (VF); TA = 25 °C
Farbortverschiebung
2) Seite 17
Chromaticity Coordinate Shift
2) page 17
x, y =
f (I
F); TA = 25 °C
Relative Lichtstrom
2) 5) Seite 23
Relative Luminous Flux
2) 5) page 23
Φ
V/ΦV
(350 mA) = f (IF); TA = 25 °C
Farbortverschiebung
2) Seite 23
Chromaticity Coordinate Shift
2) page 23
x, y =
f (T
j); IF = 350 mA
3.5
2
2.0
10
1
10
3.0
2.5
10
3
mA
4.5
4.0 V
OHL02520
5
5
VF
F
I
-0.020
OHL03675
0
F
I
mA
Cy
Cx,
ΔΔ
Cy
Cx
200
400
600
800
1000
-0.015
-0.010
-0.005
0
0.005
0.010
0.015
0.025
V (350 mA)
V
I
F
10 1
10 2
10 3
mA
10
-1
0
10
10
1
5
5
OHL02726
Φ
Φ
-0.012
OHL03677
-40
j
T
˚C
Cy
Cx,
ΔΔ
-0.010
-0.008
-0.006
-0.004
-0.002
0
0.002
0.004
0.008
-20
0
20 40 60 80
120
Cy
Cx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com