Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP13136 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP13136
Description  ~40째 x 20째 oval beam optimized for NICHIA 757. Clip fastening for 1.6 mm thick PCB.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP13136 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP13136 Datasheet HTML 1Page - Ledil, Inc. CP13136 Datasheet HTML 2Page - Ledil, Inc. CP13136 Datasheet HTML 3Page - Ledil, Inc. CP13136 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CP13136_LARISA-O-CLIP16
LARISA-O-CLIP16
~40° x 20° oval beam optimized for NICHIA 757.
Clip fastening for 1.6 mm thick PCB.
TECHNICAL SPECIFICATIONS:
Dimensions
9.9 + 9.9 mm
Height
7.3 mm
Fastening
clips
Colour
black
Box size
Box weight
1.4 kg
Quantity in Box
2000 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LARISA-O
Lens
PMMA
clear
LARISA-HLD-B-CLIP16
Holder
PC
black
Last update: 15/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CP13136

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP13134 LEDIL-CP13134 Datasheet
1Mb / 4P
~20째 spot beam
CP13135 LEDIL-CP13135 Datasheet
1Mb / 4P
~30째 medium beam optimized for NICHIA 757. Clip fastening for 1.6 mm thick PCB.
CP13137 LEDIL-CP13137 Datasheet
1Mb / 4P
~50째 wide beam optimized for NICHIA 757. Clip fastening for 1.6 mm thick PCB.
CP13138 LEDIL-CP13138 Datasheet
1Mb / 4P
~55째 wide beam optimized for NICHIA 757. Clip fastening for 1.6 mm thick PCB.
More results

Similar Description - CP13136

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP12939 LEDIL-CP12939 Datasheet
3Mb / 8P
~19째 real spot beam. Clip fastening for 1.6 mm thick PCB
CP13135 LEDIL-CP13135 Datasheet
1Mb / 4P
~30째 medium beam optimized for NICHIA 757. Clip fastening for 1.6 mm thick PCB.
CP13137 LEDIL-CP13137 Datasheet
1Mb / 4P
~50째 wide beam optimized for NICHIA 757. Clip fastening for 1.6 mm thick PCB.
CP13138 LEDIL-CP13138 Datasheet
1Mb / 4P
~55째 wide beam optimized for NICHIA 757. Clip fastening for 1.6 mm thick PCB.
CP13667 LEDIL-CP13667 Datasheet
1Mb / 4P
~25째 diffused beam optimized for NICHIA 757. Clip fastening for 1.6 mm thick PCB
CP12405 LEDIL-CP12405 Datasheet
2Mb / 4P
~10째 x 40째 oval beam optimized for Nichia NCSxx19A. 14.3 mm high assembly
CA11973 LEDIL-CA11973 Datasheet
4Mb / 4P
~40째 x 12째 oval beam optimized for Nichia 19.
CP12942 LEDIL-CP12942 Datasheet
6Mb / 10P
~40째 x 20째 oval beam
CP12943 LEDIL-CP12943 Datasheet
4Mb / 9P
~40째 x 20째 oval beam
C13297 LEDIL-C13297 Datasheet
4Mb / 9P
40째 20째 oval beam optimized for CREE XT-E
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com