Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6262B Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST6262B
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6262B Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST6262B Datasheet HTML 66Page - STMicroelectronics ST6262B Datasheet HTML 67Page - STMicroelectronics ST6262B Datasheet HTML 68Page - STMicroelectronics ST6262B Datasheet HTML 69Page - STMicroelectronics ST6262B Datasheet HTML 70Page - STMicroelectronics ST6262B Datasheet HTML 71Page - STMicroelectronics ST6262B Datasheet HTML 72Page - STMicroelectronics ST6262B Datasheet HTML 73Page - STMicroelectronics ST6262B Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 78 page
background image
70/78
ST62T52C ST62T62C/E62C
THERMAL CHARACTERISTIC
7.2 ORDERING INFORMATION
Table 22. OTP/EPROM VERSION ORDERING INFORMATION
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
RthJA
Thermal Resistance
PDIP16
55
°C/W
PSO16
75
Sales Type
Program
Memory (Bytes)
EEPROM (Bytes)
Temperature Range
Package
ST62E62CF1
1836 EPROM
64
0 to +70°C
CDIP16W
ST62T52CM6
ST62T52CM3
1836 OTP
None
-40 to + 85°C
-40 to + 125°C
PSO16
ST62T62CM6
ST62T62CM3
1836 OTP
64
-40 to + 85°C
-40 to + 125°C
PSO16
ST62T52CB6
ST62T52CB3
1836 OTP
None
-40 to + 85°C
-40 to + 125°C
PDIP16
ST62T62CB6
ST62T62CB3
1836 OTP
64
-40 to + 85°C
-40 to + 125°C
PDIP16
ST62T52CN6
ST62T52CN3
1836 OTP
None
-40 to + 85°C
-40 to + 125°C
SSOP16
ST62T62CN6
ST62T62CN3
1836 OTP
64
-40 to + 85°C
-40 to + 125°C
SSOP16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com