Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9113AIRAZ-T Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL9113AIRAZ-T
Description  Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9113AIRAZ-T Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL9113AIRAZ-T Datasheet HTML 2Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 3Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 4Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 5Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 6Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 7Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 8Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 9Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ISL9113A
FN8620 Rev 1.00
Page 6 of 10
January 4, 2017
copper area connected to the thermal pad is preferable. It is
recommended to add at least four vias within the pad to the GND
plane for the best thermal relief.
Output Voltage Setting Resistor Selection
Resistors R1 and R2, shown in the “Block Diagram” on page 2,
can be used to set the desired output voltage values using
Equation 1:
where VFB is the internal FB reference voltage (0.8V typical). The
current flowing through the divider resistors is calculated as
VOUT /(R1 + R2). Large resistance is recommended to minimize
current into the divider, and thus improve the total efficiency of
the converter. R1 and R2 should be placed close to the FB pin of
the device to prevent noise pickup.
Inductor Selection
An inductor with core material suitable for high-frequency
applications (e.g., ferrite) is desirable to minimize core loss and
improve efficiency. The inductor should have a low ESR to reduce
copper loss. Moreover, the inductor saturation current should be
higher than the maximum peak current of the device; i.e., 1.5A.
The device is designed to operate with an inductor value of 2.2µH
to provide stable operation across the range of load, input, and
output voltages. Stable mode switching between PWM and Skip
mode operation is guaranteed at this inductor value. Table 1
shows recommended inductors.
Capacitor Selection
INPUT CAPACITOR
A minimum of a 4.7µF ceramic capacitor is recommended to
provide stable operation under typical operating conditions. For
input voltage less than 1.0V application, an additional 4.7µF
ceramic capacitor is recommended for better noise filtering and
EMI suppression. The input capacitor should be placed close to
the input pin, GND pin, and the non-switching terminal of the
inductor.
OUTPUT CAPACITOR
For the output capacitor, a ceramic capacitor with small ESR is
recommended to minimize output voltage ripple. A typical 4.7µF
should be used to provide stable operation at different typical
operating conditions. The output capacitor should be placed
close to the output pin and GND pin of the device. Table 2 shows
the recommended capacitors.
TABLE 1. INDUCTOR VENDOR INFORMATION
MANUFACTURER
PART NUMBER
DIMENSIONS - W x L x H (mm)
Murata
LQH32PN2R2NN0L
3.2 x 2.5 x 1.7 (maximum)
Toko
1239AS-H-2R2M
2.5 x 2.0 x 1.2 (maximum)
1286AS-H-2R2M
2.0 x 1.6 x 1.2 (maximum)
TDK
TFM201610A-2R2M
2.0 x 1.6 x 1.0 (maximum)
Cyntec
PSE25201B-2R2MS
2.0 x 1.6 x 1.2 (maximum)
FIGURE 4. RECOMMENDED PCB LAYOUT
VOUT
VFB 1
R1
R2
-------
+



=
(EQ. 1)
TABLE 2. CAPACITOR VENDOR INFORMATION
MANUFACTURER
SERIES
WEBSITE
AVX
X5R
www.avx.com
Murata
X5R
www.murata.com
Taiyo Yuden
X5R
www.t-yuden.com
TDK
X5R
www.tdk.com
TABLE 3. FAULT DETECTION AND RESPONSE
FAULT CONDITION
DETECTION DETAILS
ACTION
Low Battery Voltage
VBAT < 0.7V
Shut down until VEN or
VBAT is cycled.
VOUT Out of Regulation VOUT is 10% below
the target output
voltage
Shut down only if VBAT
and VOUT fall below 2.1V.
Device automatically
restarts after 200ms.
Short-Circuit
VOUT falls below VBAT Shut down immediately.
Device automatically
restarts after 200ms.
Over-Temperature
Protection
Die temperature is
> +150°C
Switching stops. Device
automatically restarts
when temperature
decreases to +125°C.
Output Overvoltage
Protection
VOUT > 5.9V
Switching stops until EN
pin is toggled or power is
cycled.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com