Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS30 Datasheet(PDF) 2 Page - Schurter Inc.

Part # MCS30
Description  Metal Switch Short Stroke Ring Illuminated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MCS30 Datasheet(HTML) 2 Page - Schurter Inc.

  MCS30 Datasheet HTML 1Page - Schurter Inc. MCS30 Datasheet HTML 2Page - Schurter Inc. MCS30 Datasheet HTML 3Page - Schurter Inc. MCS30 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Metal Line Switches
MCS 30
https://www.schurter.com /PG70
Switches
Dimension [mm]
MCS 30 RI
Ø33.75
Ø14
Ø21.5
Ø24.5
A
B
C
~200 mm
33.6
16.6
0.5
1.2
Legend:
A = Illumination Area
B = Actuating Area
C = Finger Guide
Lettering:
- optional with/without lettering
- location of the wires to the location of the lettering is not defined
Dimension
Front Panel Drilling MCS 30 RI
+0.2
Ø
30
Drilling diagram
Diagrams
MCS 30 RI RGY
A)
++ +
−
B)
C)
D)
E)
F)
A) Cable (color of the LED), Supply voltage
B) Cable (color of the LED), Supply voltage
C) Cable (color of the LED), Supply voltage
D) Cable (black), Common mass
E) Cable (white), Input and output MCS switch
F) Cable (white), Input and output MCS switch
Illumination options for RGY
Lighting type
Active
Active
Active
Resulting
terminal
terminal
terminal
Color
A)
B)
C)
Multicolor Singlecolor
A
Red
Multicolor Singlecolor
B
Green
Multicolor Singlecolor
C
Yellow
MCS 30 RI Multicolor
A)
++ +
−
B)
C)
D)
E)
F)
A) Cable (color of the LED), Supply voltage
B) Cable (color of the LED), Supply voltage
C) Cable (color of the LED), Supply voltage
D) Cable (black), Common mass
E) Cable (white), Input and output MCS switch
F) Cable (white), Input and output MCS switch
Illumination options for Multicolor
Lighting type
Active
Active
Active
Resulting
terminal
terminal
terminal
Color
A)
B)
C)
Multicolor Singlecolor
A
Red
Multicolor Singlecolor
B
Green
Multicolor Singlecolor
C
Blue
Multicolor RGB Additive 2
A
B
Yellow
Multicolor RGB Additive 2
A
C
Magenta
Multicolor RGB Additive 2
B
C
Cyan
Multicolor RGB Additive 3
A
B
C
White



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com