Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6536 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6536
Description  26V, 5.5A 3-Channel Half-Bridge Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6536 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6536 Datasheet HTML 1Page - Monolithic Power Systems MP6536 Datasheet HTML 2Page - Monolithic Power Systems MP6536 Datasheet HTML 3Page - Monolithic Power Systems MP6536 Datasheet HTML 4Page - Monolithic Power Systems MP6536 Datasheet HTML 5Page - Monolithic Power Systems MP6536 Datasheet HTML 6Page - Monolithic Power Systems MP6536 Datasheet HTML 7Page - Monolithic Power Systems MP6536 Datasheet HTML 8Page - Monolithic Power Systems MP6536 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP6536 - 26V, 5.5A 3-CHANNEL POWER HALF-BRIDGE
MP6536 Rev. 1.01
www.MonolithicPower.com
2
5/3/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP6536DU
QFN-40 (5mmx5mm)
See Below
* For Tape & Reel, add suffix
–Z (e.g. MP6536DU–Z);
For RoHS, compliant packaging, add suffix
–LF (e.g. MP6536DU–LF–Z).
TOP MARKING
MPS: MPS Prefix:
YY: Year Code;
WW: Week Code:
MP6536: Part Number;
LLLLLLL: Lot number;
PACKAGE REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com