Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5142DDVR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5142DDVR
Description  STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5142DDVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5142DDVR Datasheet HTML 17Page - Texas Instruments TAS5142DDVR Datasheet HTML 18Page - Texas Instruments TAS5142DDVR Datasheet HTML 19Page - Texas Instruments TAS5142DDVR Datasheet HTML 20Page - Texas Instruments TAS5142DDVR Datasheet HTML 21Page - Texas Instruments TAS5142DDVR Datasheet HTML 22Page - Texas Instruments TAS5142DDVR Datasheet HTML 23Page - Texas Instruments TAS5142DDVR Datasheet HTML 24Page - Texas Instruments TAS5142DDVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
www.ti.com
Powering Down
Use
of
TAS5142
in
High-Modulation-Index
ERROR REPORTING
Overcurrent
(OC)
Protection
With
Current
DEVICE PROTECTION SYSTEM
TAS5142
SLES126B – DECEMBER 2004 – REVISED MAY 2005
overtemperature, and undervoltage. The TAS5142
responds to a fault by immediately setting the power
The TAS5142 does not require a power-down se-
stage in a high-impedance (Hi-Z) state and asserting
quence. The device remains fully operational as long
the SD pin low. In situations other than overload, the
as the gate-drive supply (GVDD_X) voltage and VDD
device automatically recovers when the fault con-
voltage are above the undervoltage protection (UVP)
dition has been removed, i.e., the junction tempera-
voltage threshold (see the Electrical Characteristics
ture has dropped or the supply voltage has in-
section of this data sheet). Although not specifically
creased. For highest possible reliability, recovering
required, it is a good practice to hold RESET_AB and
from an overload fault requires external reset of the
RESET_CD low during power down, thus preventing
device (see the Device Reset section of this data
audible artifacts including pops or clicks.
sheet) no sooner than 1 second after the shutdown.
When the TAS5142 is being used with TI PWM
modulators such as the TAS5508, no special atten-
Capable Systems
tion to the state of RESET_AB and RESET_CD is
required, provided that the chipset is configured as
This device requires at least 50 ns of low time on the
recommended.
output per 384-kHz PWM frame rate in order to keep
the bootstrap capacitors charged. As an example, if
the modulation index is set to 99.2% in the TAS5508,
this setting allows PWM pulse durations down to 20
The
SD
and
OTW
pins
are
both
active-low,
ns. This signal, which does not meet the 50-ns
open-drain outputs. Their function is for protec-
requirement, is sent to the PWM_X pin and this
tion-mode signaling to a PWM controller or other
low-state pulse time does not allow the bootstrap
system-control device.
capacitor to stay charged. In this situation, the low
Any fault resulting in device shutdown is signaled by
voltage across the bootstrap capacitor can cause a
the SD pin going low. Likewise, OTW goes low when
failure of the high-side MOSFET transistor, especially
the device junction temperature exceeds 125
°C (see
when driving a low-impedance load. The TAS5142
the following table).
device requires limiting the TAS5508 modulation
index to 96.1% to keep the bootstrap capacitor
SD
OTW
DESCRIPTION
charged under all signals and loads.
0
0
Overtemperature (OTE) or overload (OLP) or
undervoltage (UVP)
Therefore, TI strongly recommends using a TI PWM
0
1
Overload (OLP) or undervoltage (UVP)
processor, such as TAS5508 or TAS5086, with the
modulation index set at 96.1% to interface with
1
0
Junction temperature higher than 125°C
(overtemperature warning)
TAS5142.
1
1
Junction temperature lower than 125°C and no
OLP or UVP faults (normal operation)
Limiting and Overload Detection
Note that asserting either RESET_AB or RESET_CD
The device has independent, fast-reacting current
low forces the SD signal high, independent of faults
detectors with programmable trip threshold (OC
being present. TI recommends monitoring the OTW
threshold) on all high-side and low-side power-stage
signal using the system microcontroller and re-
FETs. See the following table for OC-adjust resistor
sponding to an overtemperature warning signal by,
values. The detector outputs are closely monitored by
e.g., turning down the volume to prevent further
two protection systems. The first protection system
heating of the device resulting in device shutdown
controls the power stage in order to prevent the
(OTE).
output current from further increasing, i.e., it performs
To reduce external component count, an internal
a current-limiting function rather than prematurely
pullup resistor to 3.3 V is provided on both SD and
shutting down during combinations of high-level mu-
OTW outputs. Level compliance for 5-V logic can be
sic transients and extreme speaker load impedance
obtained by adding external pullup resistors to 5 V
drops. If the high-current situation persists, i.e., the
(see the Electrical Characteristics section of this data
power stage is being overloaded, a second protection
sheet for further specifications).
system triggers a latching shutdown, resulting in the
power stage being set in the high-impedance (Hi-Z)
state. Current limiting and overload protection are
independent for half-bridges A and B and, respect-
The TAS5142 contains advanced protection circuitry
ively, C and D. That is, if the bridge-tied load between
carefully designed to facilitate system integration and
half-bridges A and B causes an overload fault, only
ease of use, as well as to safeguard the device from
half-bridges A and B are shut down.
permanent failure due to a wide range of fault
conditions
such
as
short
circuits,
overload,
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com