Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLHG5205 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TLHG5205
Description  High Efficiency LED, 5 mm Tinted Non-Diffused Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHG5205 Datasheet(HTML) 6 Page - Vishay Siliconix

  TLHG5205 Datasheet HTML 1Page - Vishay Siliconix TLHG5205 Datasheet HTML 2Page - Vishay Siliconix TLHG5205 Datasheet HTML 3Page - Vishay Siliconix TLHG5205 Datasheet HTML 4Page - Vishay Siliconix TLHG5205 Datasheet HTML 5Page - Vishay Siliconix TLHG5205 Datasheet HTML 6Page - Vishay Siliconix TLHG5205 Datasheet HTML 7Page - Vishay Siliconix TLHG5205 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
6
Document Number 83011
Rev. 1.4, 31-Aug-04
VISHAY
TLHG / R / Y520.
Vishay Semiconductors
Figure 17. Specific Luminous Intensity vs. Forward Current
Figure 18. Relative Luminous Intensity vs. Forward Current
Figure 19. Relative Intensity vs. Wavelength
10
20
50
100 200
0
0.4
0.8
1.2
1.6
2.4
95 10263
500
2.0
Green
IF(mA)
0.5
0.2 0.1
0.05
0.02
1
tp/T
IF - Forward Current ( mA )
100
Green
0.1
1
10
95 10037
10
1
520
540
560
580
600
0
0.2
0.4
0.6
0.8
1.2
620
95 10038
λ -
- Wavelength ( nm )
1.0
Green



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com