Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6210C Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6210C
Description  ABS System IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6210C Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6210C Datasheet HTML 5Page - Infineon Technologies AG TLE6210C Datasheet HTML 6Page - Infineon Technologies AG TLE6210C Datasheet HTML 7Page - Infineon Technologies AG TLE6210C Datasheet HTML 8Page - Infineon Technologies AG TLE6210C Datasheet HTML 9Page - Infineon Technologies AG TLE6210C Datasheet HTML 10Page - Infineon Technologies AG TLE6210C Datasheet HTML 11Page - Infineon Technologies AG TLE6210C Datasheet HTML 12Page - Infineon Technologies AG TLE6210C Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
TLE 6210
TLE 6211
Block Description and Electrical Characteristics
V1.2 Data Sheet
9
2002-08
4.3
Charge Pump
The integrated charge pump requires an external capacitor at pin
UCP. The charge pump
voltage is typically 15 V. It is internally used for the voltage regulator only. It is only
intended for internal function and may not be used for any external loads. The output
voltage is short circuit protected against the supply voltage.
Characteristics Charge Pump
6 V
£ UZP £ 18 V, -40 °C £ Tj £ +150 °C, if not otherwise specified
#
Parameter
Sym-
bol
Limit Values
Unit Conditions
min. typ. max.
4.3.1 Power up time
tCP
–10
–
ms
UZP = 6 V; CCP = 68 nF;
Load capacitor to
U =0.9
´ UCPmax
4.3.2 Charge pump voltage
UCP
–
15
22
V
Regulator on
4.3.3 Frequency
fCP
1.4
3.2
–
MHz –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com