Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6301VCBZ Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HIP6301VCBZ
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6301VCBZ Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HIP6301VCBZ Datasheet HTML 12Page - Renesas Technology Corp HIP6301VCBZ Datasheet HTML 13Page - Renesas Technology Corp HIP6301VCBZ Datasheet HTML 14Page - Renesas Technology Corp HIP6301VCBZ Datasheet HTML 15Page - Renesas Technology Corp HIP6301VCBZ Datasheet HTML 16Page - Renesas Technology Corp HIP6301VCBZ Datasheet HTML 17Page - Renesas Technology Corp HIP6301VCBZ Datasheet HTML 18Page - Renesas Technology Corp HIP6301VCBZ Datasheet HTML 19Page - Renesas Technology Corp HIP6301VCBZ Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
HIP6301V, HIP6302V
FN9034 Rev 3.00
Page 17 of 20
May 5, 2008
single channel’s ripple current is approximtely calculated in
Equation 8:
The current from multiple channels tend to cancel each other
and reduce the total ripple current. Figure 14 gives the total
ripple current as a function of duty cycle, normalized to the
parameter
at zero duty cycle. To determine
the total ripple current from the number of channels and the
duty cycle, multiply the y-axis value by
.
Small values of output inductance can cause excessive
power dissipation. The HIP6301V and HIP6302V are
designed for stable operation for ripple currents up to twice
the load current. However, for this condition, the RMS
current is 115% above the value shown in “MOSFET
Selection and Considerations” on page 17. With all else
fixed, decreasing the inductance could increase the power
dissipated in the MOSFETs by 30%.
Input Capacitor Selection
The important parameters for the bulk input capacitors are
the voltage rating and the RMS current rating. For reliable
operation, select bulk input capacitors with voltage and
current ratings above the maximum input voltage and
largest RMS current required by the circuit. The capacitor
voltage rating should be at least 1.25x greater than the
maximum input voltage and a voltage rating of 1.5x is a
conservative guideline. The RMS current required for a
multi-phase converter can be approximated with the aid of
Figure 15.
First determine the operating duty ratio as the ratio of the
output voltage divided by the input voltage. Find the current
multiplier from the curve with the appropriate power
channels. Multiply the current multiplier by the full load
output current. The resulting value is the RMS current rating
required by the input capacitor.
Use a mix of input bypass capacitors to control the voltage
overshoot across the MOSFETs. Use ceramic capacitance for
the high frequency decoupling and bulk capacitors to supply
the RMS current. Small ceramic capacitors should be placed
very close to the drain of the upper MOSFET to suppress the
voltage induced in the parasitic circuit impedances.
For bulk capacitance, several electrolytic capacitors
(Panasonic HFQ series or Nichicon PL series or Sanyo
MV-GX or equivalent) may be needed. For surface mount
designs, solid tantalum capacitors can be used, but caution
must be exercised with regard to the capacitor surge current
rating. These capacitors must be capable of handling the
surge-current at power-up. The TPS series available from
AVX, and the 593D series from Sprague are both surge
current tested.
MOSFET Selection and Considerations
In high-current PWM applications, the MOSFET power
dissipation, package selection and heatsink are the
dominant design factors. The power dissipation includes two
loss components; conduction loss and switching loss. These
losses are distributed between the upper and lower
MOSFETs according to duty factor (see Equation 9). The
conduction losses are the main component of power
dissipation for the lower MOSFETs, Q2 and Q4 of Figure 1.
Only the upper MOSFETs, Q1 and Q3 have significant
switching losses, since the lower device turns on and off into
near zero voltage.
The equations assume linear voltage-current transitions and
do not model power loss due to the reverse-recovery of the
lower MOSFETs body diode. The gate-charge losses are
dissipated by the Driver IC and don't heat the MOSFETs.
I
VIN VOUT
–
FSW L
--------------------------------
VOUT
VIN
----------------
=
(EQ. 8)
Vo
 LxF
SW

Vo
 LxF
SW

1.0
0.8
0.6
0.4
0.2
0
0
0.1
0.2
0.3
0.4
0.5
DUTY CYCLE (VO/VIN)
SINGLE
CHANNEL
2-CHANNEL
3-CHANNEL
4-CHANNEL
FIGURE 14. RIPPLE CURRENT vs DUTY CYCLE
0.5
0.4
0.3
0.2
0.1
0
0
0.1
0.2
0.3
0.4
0.5
DUTY CYCLE (VO/VIN)
SINGLE
CHANNEL
3 CHANNEL
4 CHANNEL
2 CHANNEL
FIGURE 15. CURRENT MULTIPLIER vs DUTY CYCLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com