Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG-T671 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LOG-T671
Description  white P-LCC-4 package, colorless clear resin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOG-T671 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LOG-T671 Datasheet HTML 6Page - OSRAM GmbH LOG-T671 Datasheet HTML 7Page - OSRAM GmbH LOG-T671 Datasheet HTML 8Page - OSRAM GmbH LOG-T671 Datasheet HTML 9Page - OSRAM GmbH LOG-T671 Datasheet HTML 10Page - OSRAM GmbH LOG-T671 Datasheet HTML 11Page - OSRAM GmbH LOG-T671 Datasheet HTML 12Page - OSRAM GmbH LOG-T671 Datasheet HTML 13Page - OSRAM GmbH LOG-T671 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2005-04-05
10
LOG T671, LSG T671
Empfohlenes Lötpaddesign
8) Seite 15
IR Reflow Löten
Recommended Solder Pad
8) page 15
IR Reflow Soldering
Empfohlenes Lötpaddesign
8) Seite 15
Wellenlöten (TTW)
Recommended Solder Pad
8) page 15
TTW Soldering
OHLPY439
Padgeometrie für
verbesserte Wärmeableitung
improved heat dissipation
Paddesign for
Lötstoplack
Solder resist
1.1 (0.043)
2.6 (0.102)
3.3 (0.130)
0.4 (0.016)
Cathode marking
Kathoden Markierung /
Cu Fläche / 12 mm per pad
2
Cu-area
_
<
3.3 (0.130)
OHAY0583
6.1 (0.240)
2.8 (0.110)
3.5 (0.138)
2.8 (0.110)
0.5 (0.020)
7.5 (0.295)
Solder resist
Lötstoplack
Padgeometrie für
improved heat dissipation
verbesserte Wärmeableitung
Paddesign for
2
Cu Fläche / > 12 mm per pad
Cu-area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com