Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSG-T671 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LSG-T671
Description  white P-LCC-4 package, colorless clear resin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSG-T671 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LSG-T671 Datasheet HTML 7Page - OSRAM GmbH LSG-T671 Datasheet HTML 8Page - OSRAM GmbH LSG-T671 Datasheet HTML 9Page - OSRAM GmbH LSG-T671 Datasheet HTML 10Page - OSRAM GmbH LSG-T671 Datasheet HTML 11Page - OSRAM GmbH LSG-T671 Datasheet HTML 12Page - OSRAM GmbH LSG-T671 Datasheet HTML 13Page - OSRAM GmbH LSG-T671 Datasheet HTML 14Page - OSRAM GmbH LSG-T671 Datasheet HTML 15Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
LOG T671, LSG T671
2005-04-05
13
Trockenverpackung und Materialien
Dry Packing Process and Materials
Anm.:
Feuchteempfindliche Produkte sind verpackt in einem Trockenbeutel zusammen mit einem Trockenmittel und
einer Feuchteindikatorkarte
Bezüglich Trockenverpackung finden Sie weitere Hinweise im Internet und in unserem Short Form Catalog im
Kapitel “Gurtung und Verpackung” unter dem Punkt “Trockenverpackung”. Hier sind Normenbezüge, unter
anderem ein Auszug der JEDEC-Norm, enthalten.
Note:
Moisture-senisitve product is packed in a dry bag containing desiccant and a humidity card.
Regarding dry pack you will find further information in the internet and in the Short Form Catalog in chapter
“Tape and Reel” under the topic “Dry Pack”. Here you will also find the normative references like JEDEC.
Kartonverpackung und Materialien
Transportation Packing and Materials
OHA00539
Moisture-sensitive label or print
Barcode label
Desiccant
Humidity indicator
Barcode label
OSRAM
M
o
istu
re
Lev
e
l 3
Flo
or
ti
m
e
1
68
Hours
M
oi
st
ure
Le
vel
6
Flo
o
r
ti
me
6
H
o
ur
s
a)
Humidi
ty
Ind
ica
tor
C
ar
d
is
>
1
0
%
when
rea
d
at
23
˚
C
±
5
˚C
,
or
ref
low,
vap
or
-p
h
ase
reflow,
or
eq
ui
va
lent
p
roces
si
ng
(peak
pa
c
k
age
2
. Aft
e
r
th
is
bag
is
op
ene
d,
devices
th
at
w
ill
b
e
subject
e
d
to
inf
rared
1.
S
he
lf
l
ife
in
seal
e
d
b
a
g:
24
mon
th
s
at
<
40
˚C
a
nd
<
90
%
rel
ati
v
e
h
um
idi
ty
(R
H
).
Mois
tur
e
L
ev
el
5a
at
fa
ct
or
y
conditions
of
(if
b
la
nk
,
seal
d
ate
i
s
i
d
entical
w
ith
date
c
ode).
a
) M
o
unted
w
it
h
in
b)
Sto
red
at
bo
dy
temp.
3.
D
ev
ices
re
q
uire
ba
ki
ng
, bef
ore
mo
unt
ing,
if
:
B
ag
sea
l d
ate
M
o
ist
u
re
Lev
e
l 1
M
oist
ur
e
Level
2
Mo
is
ture
L
e
vel
2
a
4.
If
b
aki
n
g
is
re
q
uire
d,
b)
2
a
or
2b
is
not
m
e
t.
Dat
e
and
tim
e
op
ened:
refere
nc
e
IPC
/JEDEC
J
-STD-033
for
b
ake
p
rocedu
re.
Floo
r t
im
e
s
ee
be
low
If
bl
an
k,
se
e
ba
r
cod
e
labe
l
Flo
or
ti
m
e
>
1
Ye
ar
F
lo
o
r
time
1
Yea
r
F
lo
o
r
time
4
W
e
eks
1
0
%
R
H
.
_
<
Moi
st
ure
L
ev
el
4
M
oi
stur
e
L
evel
5
˚C
).
OPT
O
SEM
ICONDUCTORS
M
OISTURE
SENSI
TIVE
Thi
s bag
contai
ns
CAUTION
Flo
or
t
im
e
72
H
o
urs
Fl
o
or
time
4
8
H
ou
rs
Flo
or
ti
m
e
2
4
H
our
s
30
˚C
/60%
RH
.
_
<
L
EVEL
If
b
la
nk
, see
ba
r
c
o
de
la
b
el
OHA02044
1
0
1
1
210021998
0
2
45
1
0
1
1
210021998
0
2
45
Barcode label
Packing
Sealing label
Barcode label
Moisture
Level
3
Floor
time
168
Hours
Moisture
Level
6
Floor
time
6
Hours
a)
Humidity
Indicator
Card
is
>
10%
when
read
at
23
˚C
±
5
˚C,
or
reflow,
vapor-phase
reflow,
or
equivalent
processing
(peak
package
2.
After
this
bag
is
opened,
devices
that
will
be
subjected
to
infrared
1.
Shelf
life
in
sealed
bag:
24
months
at
<
40
˚C
and
<
90%
relative
humidity
(RH).
Moisture
Level
5a
at
factory
conditions
of
(if
blank,
seal
date
is
identical
with
date
code).
a)
Mounted
within
b)
Stored
at
body
temp.
3.
Devices
require
baking,
before
mounting,
if:
Bag
seal
date
Moisture
Level
1
Moisture
Level
2
Moisture
Level
2a
4.
If
baking
is
required,
b)
2a
or
2b
is
not
met.
Date
and
time
opened:
reference
IPC/JEDEC
J-STD-033
for
bake
procedure.
Floor
time
see
below
If
blank,
see
bar
code
label
Floor
time
>
1
Year
Floor
time
1
Year
Floor
time
4
Weeks
10%
RH.
_
<
Moisture
Level
4
Moisture
Level
5
˚C).
OPTO
SEMICONDUCTORS
MOISTURE
SENSITIVE
This
bag
contains
CAUTION
Floor
time
72
Hours
Floor
time
48
Hours
Floor
time
24
Hours
30
˚C/60%
RH.
_
<
LEVEL
If
blank,
see
bar
code
label



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com