Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO-R971 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LO-R971
Description  SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LO-R971 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LO-R971 Datasheet HTML 9Page - OSRAM GmbH LO-R971 Datasheet HTML 10Page - OSRAM GmbH LO-R971 Datasheet HTML 11Page - OSRAM GmbH LO-R971 Datasheet HTML 12Page - OSRAM GmbH LO-R971 Datasheet HTML 13Page - OSRAM GmbH LO-R971 Datasheet HTML 14Page - OSRAM GmbH LO-R971 Datasheet HTML 15Page - OSRAM GmbH LO-R971 Datasheet HTML 16Page - OSRAM GmbH LO-R971 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Discontinued
LO R971
2014-06-04
13
Taping 9) page 19
Gurtung 9) Seite 19
OHAY0530
Cathode mark
A
C
1.5 (0.059)
4 (0.157)
1.6 (0.063)
2 (0.079)
4 (0.157)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com