Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRTB-G6TG Datasheet(PDF) 16 Page - OSRAM GmbH

Part # LRTB-G6TG
Description  white P-LCC-6 package, higher contrast by a black surface (RGB-Displays) and diffused silicone resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTB-G6TG Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button LRTB-G6TG Datasheet HTML 12Page - OSRAM GmbH LRTB-G6TG Datasheet HTML 13Page - OSRAM GmbH LRTB-G6TG Datasheet HTML 14Page - OSRAM GmbH LRTB-G6TG Datasheet HTML 15Page - OSRAM GmbH LRTB-G6TG Datasheet HTML 16Page - OSRAM GmbH LRTB-G6TG Datasheet HTML 17Page - OSRAM GmbH LRTB-G6TG Datasheet HTML 18Page - OSRAM GmbH LRTB-G6TG Datasheet HTML 19Page - OSRAM GmbH LRTB-G6TG Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
2007-10-10
16
LRTB G6TG
Maßzeichnung
8) Seite 22
Package Outlines
8) page 22
Gewicht / Approx. weight:
40 mg
Gurtung / Polarität und Lage
8) Seite 22
Verpackungseinheit 1000/Rolle, ø180 mm
oder 4000/Rolle, ø330 mm
Method of Taping / Polarity and Orientation
8) page 22
Packing unit 1000/reel, ø180 mm
or 4000/reel, ø330 mm
C1
Cathode
Red (R)
A1
Anode
Red (R)
C2
Cathode
True Green (T)
A2
Anode
True Green (T)
C3
Cathode
Blue (B)
A3
Anode
Blue (B)
GPLY6118
2.8 (0.110)
0.6 (0.024)
0.7 (0.028)
0.5 (0.020)
3.5 (0.138)
2 (0.079)
0...0.15 (0.006)
C3
C1
A3
A1
C2
A2
1.6 (0.063)
3.1 (0.122)
2.6 (0.102)
0.4 (0.016)
0.5 (0.020)
0.3 (0.012)
0.7 (0.028)
0.5 (0.020)
Package marking
A1
A2
A3
C2
C3
C1
3.5 (0.138)
4 (0.157)
1.5 (0.059)
2 (0.079)
0.3 (0.012) max.
OHTY0042
2.05 (0.081)
A3
C3
A2
C2
C1
A1
8 (0.315)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com