Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRTB-GRTG Datasheet(PDF) 16 Page - OSRAM GmbH

Part # LRTB-GRTG
Description  white PLCC-6 package, diffused silicone resin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTB-GRTG Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button LRTB-GRTG Datasheet HTML 12Page - OSRAM GmbH LRTB-GRTG Datasheet HTML 13Page - OSRAM GmbH LRTB-GRTG Datasheet HTML 14Page - OSRAM GmbH LRTB-GRTG Datasheet HTML 15Page - OSRAM GmbH LRTB-GRTG Datasheet HTML 16Page - OSRAM GmbH LRTB-GRTG Datasheet HTML 17Page - OSRAM GmbH LRTB-GRTG Datasheet HTML 18Page - OSRAM GmbH LRTB-GRTG Datasheet HTML 19Page - OSRAM GmbH LRTB-GRTG Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LRTB GRTG
2015-06-30
16
Zulässige Impulsbelastbarkeit
Permissible Pulse Handling Capability
Duty cycle D = parameter, T
S= 0 °C...100°C
IF = f (tp); red (1 Chip on)
Zulässige Impulsbelastbarkeit
Permissible Pulse Handling Capability
Duty cycle D = parameter, T
S= 0 °C...90°C
IF = f (tp); true green, blue (1 Chip on)
Zulässige Impulsbelastbarkeit
Permissible Pulse Handling Capability
Duty cycle D = parameter, T
S= 90°C...100°C
I
F = f (tp); true green, blue (1 Chip on)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com