Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRTB-GRUG Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LRTB-GRUG
Description  black PLCC-6 package, diffused silicone resin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTB-GRUG Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LRTB-GRUG Datasheet HTML 9Page - OSRAM GmbH LRTB-GRUG Datasheet HTML 10Page - OSRAM GmbH LRTB-GRUG Datasheet HTML 11Page - OSRAM GmbH LRTB-GRUG Datasheet HTML 12Page - OSRAM GmbH LRTB-GRUG Datasheet HTML 13Page - OSRAM GmbH LRTB-GRUG Datasheet HTML 14Page - OSRAM GmbH LRTB-GRUG Datasheet HTML 15Page - OSRAM GmbH LRTB-GRUG Datasheet HTML 16Page - OSRAM GmbH LRTB-GRUG Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LRTB GRUG
2015-06-30
13
Dominante Wellenlänge
5) Seite 26
Dominant Wavelength
5) page 26
true green
,
λ
dom = f (IF); TS = 25 °C
Dominante Wellenlänge
5) Seite 26
Dominant Wavelength
5) page 26
blue
,
λ
dom = f (IF); TS = 25 °C
LRTBGRUG/GRTG
IF [mA]
480
500
520
540
560
580
λ dom [nm]
LRTBGRUG/GRTG
IF [mA]
460
465
470
475
480
λ dom [nm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com