Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6307 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL6307
Description  6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6307 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL6307 Datasheet HTML 17Page - Renesas Technology Corp ISL6307 Datasheet HTML 18Page - Renesas Technology Corp ISL6307 Datasheet HTML 19Page - Renesas Technology Corp ISL6307 Datasheet HTML 20Page - Renesas Technology Corp ISL6307 Datasheet HTML 21Page - Renesas Technology Corp ISL6307 Datasheet HTML 22Page - Renesas Technology Corp ISL6307 Datasheet HTML 23Page - Renesas Technology Corp ISL6307 Datasheet HTML 24Page - Renesas Technology Corp ISL6307 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
ISL6307
FN9224 Rev 0.00
Page 21 of 34
March 9, 2006
The magnitude of the spike is dictated by the ESR and ESL
of the output capacitors selected. By positioning the no-load
voltage level near the upper specification limit, a larger
negative spike can be sustained without crossing the lower
limit. By adding a well controlled output impedance, the
output voltage under load can effectively be level shifted
down so that a larger positive spike can be sustained without
crossing the upper specification limit.
As shown in Figure 8, a current proportional to the average
current in all active channels, IAVG, flows from FB through a
load-line regulation resistor, RFB. The resulting voltage drop
across RFB is proportional to the output current, effectively
creating an output voltage droop with a steady-state value
defined as
The regulated output voltage is reduced by the droop voltage
VDROOP. The output voltage as a function of load current is
derived by combining Equation 8 with the appropriate
sample current expression defined by the current sense
method employed.
Where VREF is the reference voltage, VOFS is the
programmed offset voltage, IOUT is the total output current
of the converter, RISEN is the sense resistor in the ISEN line,
N is the number of active channels, and RFB is the feedback
resistor. RX has a value of DCR, resistor or RDS(ON), or
RSENSE depending on the sensing method.
Therefore the equivalent loadline impedance, i.e. Droop
impedance, is equal to:
Output-Voltage Offset Programming
The ISL6307 allows the designer to accurately adjust the
offset voltage. When a resistor, ROFS, is connected between
OFS to VCC, the voltage across it is regulated to 1.6V. This
causes a proportional current (IOFS) to flow into OFS. If
ROFS is connected to ground, the voltage across it is
regulated to 0.4V, and IOFS flows out of OFS. A resistor
between DAC and REF, RREF, is selected so that the
product (IOFS x ROFS) is equal to the desired offset voltage.
These functions are shown in Figure 9.
As it may be noticed in Figure 9, the OFSOUT pin must be
connected to the REF pin for this current injection to function
in ISL6307. The current flow through RREF creates an offset
at the REF pin, which is ultimately duplicated at the output of
the regulator.
Once the desired output offset voltage has been determined,
use the following formulas to set ROFS:
For Positive Offset (connect ROFS to VCC):
For Negative Offset (connect ROFS to GND):
Dynamic VID
Modern microprocessors need to make changes to their
core voltage as part of normal operation. They direct the
core-voltage regulator to do this by making changes to the
VID inputs during regulator operation. The power
management solution is required to monitor the DAC inputs
and respond to on-the-fly VID changes in a controlled
manner. Supervising the safe output voltage transition within
the DAC range of the processor without discontinuity or
disruption is a necessary function of the core-voltage
regulator.
The ISL6307 checks the VID inputs six times every switching
cycle. If the VID code is found to have been changed, the
controller waits half of a complete cycle before executing a
12.5mV change. If during the half-cycle wait period, the
difference between DAC level and the new VID code
changes, no change is made. If the VID code is more than
1 bit higher or lower than the DAC (not recommended), the
VDROOP
IAVG RFB
=
(EQ. 8)
VOUT
VREF VOFFSET
–
IOUT
6
-------------
RX
RISEN
------------------RFB



–
=
(EQ. 9)
RLL
RFB
N
------------
RX
RISEN
------------------
=
(EQ. 10)
ROFS
1.6 RREF
VOFFSET
------------------------------
=
(EQ. 11)
ROFS
0.4 RREF
VOFFSET
------------------------------
=
(EQ. 12)
DYNAMIC
VID D/A
E/A
VCC
DAC
FB
REF
OFS
VCC
GND
+
-
+
-
0.4V
1.6V
OR
GND
ROFS
RREF
ISL6307CR
FIGURE 9. OUTPUT VOLTAGE OFFSET PROGRAMMING
WITH ISL6307



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com