Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRTB-GVSG Datasheet(PDF) 16 Page - OSRAM GmbH

Part # LRTB-GVSG
Description  white PLCC-6 package, silicone resin
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTB-GVSG Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button LRTB-GVSG Datasheet HTML 12Page - OSRAM GmbH LRTB-GVSG Datasheet HTML 13Page - OSRAM GmbH LRTB-GVSG Datasheet HTML 14Page - OSRAM GmbH LRTB-GVSG Datasheet HTML 15Page - OSRAM GmbH LRTB-GVSG Datasheet HTML 16Page - OSRAM GmbH LRTB-GVSG Datasheet HTML 17Page - OSRAM GmbH LRTB-GVSG Datasheet HTML 18Page - OSRAM GmbH LRTB-GVSG Datasheet HTML 19Page - OSRAM GmbH LRTB-GVSG Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
LRTB GVSG
2017-06-15
16
Relative Lichtstärke
4) Seite 31
Relative Luminous Intensity
4) page 31
I
V/IV(25 °C) = f (Tj); IF = 20 mA; red
Relative Lichtstärke
4) Seite 31
Relative Luminous Intensity
4) page 31
I
V/IV(25 °C) = f (Tj); IF = 20 mA; blue
Relative Lichtstärke
4) Seite 31
Relative Luminous Intensity
4) page 31
I
V/IV(25 °C) = f (Tj); IF = 20 mA; true green;
LRTBGVSG-R
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
Iv
Iv(25°C)
: red
LRTBGVSG-B
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Iv
Iv(25°C)
: blue
LRTBGVSG-T
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Iv
Iv(25°C)
: true green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com