Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP-MPFC1H21 Datasheet(PDF) 6 Page - Vicor Corporation

Part # GP-MPFC1H21
Description  AC Input Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

GP-MPFC1H21 Datasheet(HTML) 6 Page - Vicor Corporation

  GP-MPFC1H21 Datasheet HTML 1Page - Vicor Corporation GP-MPFC1H21 Datasheet HTML 2Page - Vicor Corporation GP-MPFC1H21 Datasheet HTML 3Page - Vicor Corporation GP-MPFC1H21 Datasheet HTML 4Page - Vicor Corporation GP-MPFC1H21 Datasheet HTML 5Page - Vicor Corporation GP-MPFC1H21 Datasheet HTML 6Page - Vicor Corporation GP-MPFC1H21 Datasheet HTML 7Page - Vicor Corporation GP-MPFC1H21 Datasheet HTML 8Page - Vicor Corporation GP-MPFC1H21 Datasheet HTML 9Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MIL-COTS PFC Front End
Rev 1.3
vicorpower.com
Page 6 of 9
01/2014
800 927.9474
Granite Power
GP-MPFC1H21
Not Recommended for New Designs
VICOR
CE-102-1 117VAC 60Hz Hot Line
Equipment ID : MIL-COTS PFC Front End
Serial # - 09121107000024
Mode of Operation - 90% Load
Frequency
10.0K
100.0K
1.0M
10.0M
120.0
110.0
100.0
90.0
80.0
70.0
60.0
50.0
40.0
30.0
VICOR
CE-102-1 117VAC 60Hz Return Line
Equipment ID : MIL-COTS PFC Front End
Serial # - 09121107000024
Mode of Operation - 90% Load
Frequency
10.0K
100.0K
1.0M
10.0M
120.0
110.0
100.0
90.0
80.0
70.0
60.0
50.0
40.0
30.0
TEST DATA (CONT.)
Figure 6— 60Hz Hot Line
Figure 7— 60Hz Return Line



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com