Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP-MPFC1HS1 Datasheet(PDF) 5 Page - Vicor Corporation

Part # GP-MPFC1HS1
Description  AC Input Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

GP-MPFC1HS1 Datasheet(HTML) 5 Page - Vicor Corporation

  GP-MPFC1HS1 Datasheet HTML 1Page - Vicor Corporation GP-MPFC1HS1 Datasheet HTML 2Page - Vicor Corporation GP-MPFC1HS1 Datasheet HTML 3Page - Vicor Corporation GP-MPFC1HS1 Datasheet HTML 4Page - Vicor Corporation GP-MPFC1HS1 Datasheet HTML 5Page - Vicor Corporation GP-MPFC1HS1 Datasheet HTML 6Page - Vicor Corporation GP-MPFC1HS1 Datasheet HTML 7Page - Vicor Corporation GP-MPFC1HS1 Datasheet HTML 8Page - Vicor Corporation GP-MPFC1HS1 Datasheet HTML 9Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MIL-COTS PFC Front End
Rev 1.3
vicorpower.com
Page 5 of 9
01/2014
800 927.9474
Granite Power
GP-MPFC1H21
Not Recommended for New Designs
VICOR
CE-102-1 117VAC 400Hz Return Line
Equipment ID : MIL-COTS PFC Front End
Serial # - 09121107000024
Mode of Operation - 90% Load
Frequency
10.0K
100.0K
1.0M
10.0M
120.0
110.0
100.0
90.0
80.0
70.0
60.0
50.0
40.0
30.0
VICOR
CE-102-1 117VAC 400Hz Hot Line
Equipment ID : MIL-COTS PFC Front End
Serial # - 09121107000024
Mode of Operation - 90% Load
Frequency
10.0K
100.0K
1.0M
10.0M
120.0
110.0
100.0
90.0
80.0
70.0
60.0
50.0
40.0
30.0
TEST DATA
Figure 4— 400Hz Return Line
Figure 5— 400Hz Hot Line



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com